PART |
Description |
Maker |
BD241CFP |
Transient Surge Protection Thyristor; Package/Case:MS-013; Current, It av:2.2A; Reel Quantity:1500; Capacitance:80pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA 晶体管|晶体管|叩| 100V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Samsung Semiconductor Co., Ltd.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LRC12JTRDAR010 LRC10JTRDAR010 LRC06JTRDAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
PP0640SA PP0640SB |
Thyristor, Thyristor, 58V Forward Blocking Voltage, 1A On-State Current, 150mA Holding Current, 1420A RMS Current BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
|
Protek Devices
|
Z8913829ASC Z8913920FSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8-BIT MICROCONTROLLER 8位微控制
|
TOKO, Inc.
|
BZY91C9V1R BZY91 BZY91C10 BZY91C10R BZY91C11 BZY91 |
Standard Recovery Rectifier; Forward Current:150A; Forward Current Avg Rectified, IF(AV):150A; Forward Surge Current Max, Ifsm:3000A; Package/Case:DO-8 (Reverse); Repetitive Reverse Voltage Max, Vrrm:1400V; Current, It av:150A RoHS Compliant: Yes Zeners/Studs 齐纳基准螺栓
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
XL6013 XL6013E1 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
List of Unclassifed Man...
|