PART |
Description |
Maker |
COM117HVT |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTA G E COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
|
International Rectifier ETC N.A. List of Unclassifed Manufacturers
|
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
SG237AK SG237AR SG237AT SG237K SG237R SG237T SG137 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY2 1.5 AMP NEGATIVE ADJUSTABLE REGULATOR Negative Adjustable Linear Voltage Regulators; Package: TO-99; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY3 Negative Adjustable Linear Voltage Regulators; Package: LCC; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, CQCC20
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi Corporation Microsemi, Corp.
|
LM13808 LM338K |
1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 Three-terminal 5 A adjustable voltage regulators
|
STMicroelectronics
|
OMR1033SR OMR1033ST OMR1033NM OMR1033NMM |
ADJUSTABLE NEGATIVE REGULATOR, DSO3 Three Terminal, Adjustable Voltage, 3.0 Amp Precision Negative Regulators(3.0A,涓?????,绮惧?????靛?杈??绋冲??? 20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS Three Terminal, Adjustable Voltage, 3.0 Amp Precision Negative Regulators(3.0A,三端可调,精密型负电压输出稳压 三端,可调电压,3.0安培精密负稳压器3.0A的,三端可调,精密型负电压输出稳压器 Hi-Rel Adjustable Voltage 3-Terminal Negative Radiation Hardened Regulator 高可靠性可调电压三端稳压负抗辐
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
RC1117DX RC1117X33 |
1A Adjustable/Fixed Low Dropout Linear Regulator VOLT REGULATOR|ADJUSTABLE| 1.25 TO 6.3V|BIPOLAR|SIP|3PIN|PLASTIC
|
Fairchild Semiconductor
|
LM317M |
3-Terminal 0.5A Positive Voltage Adjustable Regulator (Output Voltage Adjustable Over1.2V to 37V)(三端可调正输出电压稳压器(输出可调电压:1.2V7V、输.5A
|
Fairchild Semiconductor Corporation
|
LT1033CT LT103302 LT1033 LT1033CP |
VOLT REGULATOR|ADJUSTABLE|-1.2 TO -32V|BIPOLAR|SIP|3PIN|PLASTIC 3A Negative Adjustable Regulator
|
Linear Technology
|
LM317 LM317BD2T LM317BT LM317_D ON0308 317B |
From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
ON Semiconductor
|
LX8580-00CDD LX8580 LX8580-00CP LX8580-00 LX8580-0 |
Positive Adjustable Voltage Regulator From old datasheet system 7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI[Microsemi Corporation]
|
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MSK5012ZS |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR 1.3 V-36 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM5
|
M.S. Kennedy, Corp.
|