PART |
Description |
Maker |
CY24293ZXI CY24293ZXC CYPRESSSEMICONDUCTORCORP-CY2 |
Two Outputs PCI-Express Clock Generator; VDD: 3.3 V; Input Frequency: 25 MHz; Output Frequency: 25 MHz to 200 MHz; # Out: 2 200 MHz, OTHER CLOCK GENERATOR, PDSO16
|
Cypress Semiconductor, Corp.
|
CYW320OXC-4 CYW320OXC-4T CYW320ZXC-4 CYW320ZXC-4T |
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56
|
CYPRESS SEMICONDUCTOR CORP
|
M902-01I156.2500 M902-01 M902-01I187.5000 M902-01- |
From old datasheet system VCSO BASED GBE CLOCK GENERATOR XTAL CER SMT 6X3.5 2PAD 125 MHz, OTHER CLOCK GENERATOR, CQCC36 156.25 MHz, OTHER CLOCK GENERATOR, CQCC36 187.5 MHz, OTHER CLOCK GENERATOR, CQCC36
|
ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
CY220501KFZXI CY22050KFZXC CY22050KFZXI CY2205009 |
200 MHz, OTHER CLOCK GENERATOR, PDSO16 4.40 MM, MO-153, TSSOP-16 One-PLL General Purpose Flash Programmable Clock Generator
|
Cypress Semiconductor, Corp.
|
CY25423SXI-XXX CY25403SXIT CY25423SXC-XXX |
Three PLL Programmable Clock Generator with Spread Spectrum 166 MHz, OTHER CLOCK GENERATOR, PDSO8 Three PLL Programmable Clock Generator; Voltage(V): 1.8/2.5/3.0/3.3 V; Input Frequency Range: 8 MHz to 166 MHz; Output Frequency Range: 3 MHz to 166 MHz; Operating Range: -40 to 85 C; Package: SOIC 166 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor, Corp.
|
CY22U1SCALGXI-00T |
200 MHz, OTHER CLOCK GENERATOR, QCC8
|
CYPRESS SEMICONDUCTOR CORP
|
NB3N3011DTR2G |
3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 120 MHz, OTHER CLOCK GENERATOR, PDSO8
|
ON Semiconductor
|
FS6128-04 FS6128-04G-XTD FS6128-04G-XTP |
VCXO Clock Generator, 27 MHz Output; Package: SOIC 14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 3000 27 MHz, OTHER CLOCK GENERATOR, PDSO8 VCXO Clock Generator, 27 MHz Output; Package: SOIC 14; No of Pins: 14; Container: Rail; Qty per Container: 96 27 MHz, OTHER CLOCK GENERATOR, PDSO8 PLL Clock Generator IC with VXCO
|
ON Semiconductor
|
CY26121 CY26121-11 CY26121-21 CY26121-3 CY26121-31 |
PacketClock Spread Spectrum Clock Generator PacketClock扩频时钟发生 CAP PROX TPLSHLD M30 EXTD PLUG 66.66 MHz, OTHER CLOCK GENERATOR, PDSO16 PacketClock Spread Spectrum Clock Generator 66.66 MHz, OTHER CLOCK GENERATOR, PDSO16 PacketClock Spread Spectrum Clock Generator 33.33 MHz, OTHER CLOCK GENERATOR, PDSO16 CAP PRX TPLSHLD SS M30 PNP QD PacketClockTM Spread Spectrum Clock Generator
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
ICS94201DFT |
200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56
|
INTEGRATED DEVICE TECHNOLOGY INC
|
CY28347ZCT CY28347OC |
Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 HDC-HA-48-SVL1/29 RoHS Compliant: Yes
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY28325OC-3 CY28325OC-3T |
200.5 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 SSOP-48
|
PhaseLink, Corp.
|