PART |
Description |
Maker |
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
AD7708 AD7708BR AD7708BRU EVAL-AD7708EB AD7718BR A |
24-Bit, 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 16-Bit 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 8-/10-Channel, Low Voltage, Low Power, ADCs
|
AD[Analog Devices]
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
MAX6821 MAX6822 MAX6823 MAX6824 MAX6825 MAX6823SUK |
2.93 V, low-power mP supervisor with manual reset and watchdog timer Low-Voltage SOT23 ?? Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 ?P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer 8-Bit Shift Registers With Input Latches 20-LCCC -55 to 125 Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 2.63 V, low-power mP supervisor with manual reset and watchdog timer
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K6T2008U2A K6T2008U2A-B K6T2008U2A-F K6T2008U2A-FF |
256Kx8 bit Low Power and Low Voltage CMOS Static RAM
|
Samsung semiconductor
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP3217BA7-FXXX FMP3217BA7-GXXX FMP3217BA7-H60E FM |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
TC7MP3125FTG TC7MP3125FK |
Low Voltage/Low Power 2-Bit × 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|