PART |
Description |
Maker |
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
ADP3303A ADP3303AARU-REEL ADP3309 ADP3300 ADP3301 |
High Accuracy anyCAP⑩ Adjustable 200 mA Low Dropout Linear Regulator High Accuracy anyCAP Adjustable 200 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
B29151/2/3T B29151/2/3S B29151/2/3J B29150S |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调
|
Electronic Theatre Controls, Inc.
|
BL317 |
HIGH CURRENT ADJUSTABLE VOLTAGE
|
SHANGHAI BELLING CO., LTD.
|
NJM2380 |
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
|
njr
|
TA76432F TA76432FC TA76432FR TA76432FT TA76432S |
1.26-V Adjustable High-Precision Shunt Regulators
|
TOSHIBA[Toshiba Semiconductor]
|
NJM1431A NJM1431AU NJM1431AL1 NJM1431AF |
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
|
NJRC[New Japan Radio]
|
3D2700 3D2700-0.5A 3D2700-1.5Y 3D2700-1A 3D2700-1Y |
7-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
|
Data Delay Devices, Inc...
|