PART |
Description |
Maker |
MAX4509 MAX4508 MAX4508MJE MAX4508EAE MAX4508CPE M |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
5962-9301901MSX 5962-9301902MSX 5962-9301903MSX 59 |
8-Channel, High-Voltage, Fault-Protected Multiplexers 3.2Gbps Adaptive Equalizer and Cable Driver 位非反向缓冲驱动 Dual 4-Bit Non-Inverting Buffer/Driver 位非反向缓冲驱动
|
TE Connectivity, Ltd.
|
MAX13444E MAX13444EASA MAX13443E MAX13443EASA MAX1 |
【15kV ESD-Protected, 【80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products
|
MAX358 MAX358C MAX358CJE MAX358CPE MAX358CWE MAX35 |
4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 Fault-Protected Analog Multiplexers Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106A; No. of Contacts:52; Connector Shell Size:36; Connecting Termination:Solder; Circular Shell Style:Straight Plug 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 MuxIt (TM) Receiver-Deserializer 32-TSSOP -40 to 85 故障保护模拟多路复用 Fault-Protected Analog Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1796IS8TRPBF |
Overvoltage Fault Protected CAN Transceiver
|
Linear Technology
|
LT1796IN8 LT1796CN8 LT1796CS8 LT1796IS8 LT1796 |
Overvoltage Fault Protected CAN Transceiver
|
LINER[Linear Technology]
|
2795Y 2795G 2795N 2795T |
2x Blue Laser Driver with Sample and Hold Fault-Protected Analog Multiplexer with Latch Evaluation Kit for the MAX3691 HIGH FREQUENCY MAGNETICS Miniature Dual Turns Ratio Surface Mount Transformers
|
BEL[Bel Fuse Inc.]
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
DG2034EDQ-T1-GE3 |
Power Down Fault Protected, 1.8 V to 5.5 V, 2.5 , 4-Channel (4:1) Multiplexer
|
Vishay Siliconix
|