Part Number Hot Search : 
70BRS MJ160 ICL71 TC9329FA EDZ10B DTC123E 0102A A619ERU
Product Description
Full Text Search
  clamps Datasheet PDF File

For clamps Found Datasheets File :: 3182    Search Time::1.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26

DYNEX[Dynex Semiconductor]
Part No. DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26
OCR Text ...lete Solution (PACs). DEVICE clamps Disc devices require the correct clamping force to ensure their safe operation. The PACS range includes a varied selection of preloaded clamps to suit all of our manufactured devices. Types available ...
Description Phase Control Thyristor

File Size 114.80K  /  8 Page

View it Online

Download Datasheet





    DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45
OCR Text ...lete solution (PACs). DEVICE clamps Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded clamps to suit all of our manufactured devices. This include cube...
Description Phase Control Thyristor

File Size 108.66K  /  8 Page

View it Online

Download Datasheet

    DS1104SG27 DS1104SG30 DS1104SG DS1104SG26 DS1104SG28 DS1104SG29 DS1104SG25

Dynex Semiconductor, Ltd.
DYNEX[Dynex Semiconductor]
Part No. DS1104SG27 DS1104SG30 DS1104SG DS1104SG26 DS1104SG28 DS1104SG29 DS1104SG25
OCR Text ...lete solution (PACs). DEVICE clamps Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded clamps to suit all of our manufactured devices. This include cube...
Description Rectifier Diode 1849 A, 2900 V, SILICON, RECTIFIER DIODE

File Size 94.85K  /  7 Page

View it Online

Download Datasheet

    DS1107SG37 DS1107SG39 DS1107SG40 DS1107SG38 DS1107SG36 DS1107SG35 DS1107SG

DYNEX SEMICONDUCTOR LTD
DYNEX[Dynex Semiconductor]
Part No. DS1107SG37 DS1107SG39 DS1107SG40 DS1107SG38 DS1107SG36 DS1107SG35 DS1107SG
OCR Text ...lete solution (PACs). DEVICE clamps Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded clamps to suit all of our manufactured devices. This include cube...
Description Rectifier Diode

File Size 96.08K  /  7 Page

View it Online

Download Datasheet

    DS1109SG47 DS1109SG46 DS1109SG50 DS1109SG DS1109SG45 DS1109SG48 DS1109SG49

DYNEX[Dynex Semiconductor]
Part No. DS1109SG47 DS1109SG46 DS1109SG50 DS1109SG DS1109SG45 DS1109SG48 DS1109SG49
OCR Text ...lete solution (PACs). DEVICE clamps Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded clamps to suit all of our manufactured devices. This include cube...
Description Rectifier Diode

File Size 96.53K  /  7 Page

View it Online

Download Datasheet

    DS1112SG57 DS1112SG DS1112SG55 DS1112SG56 DS1112SG58 DS1112SG59 DS1112SG60

DYNEX[Dynex Semiconductor]
Part No. DS1112SG57 DS1112SG DS1112SG55 DS1112SG56 DS1112SG58 DS1112SG59 DS1112SG60
OCR Text ...lete solution (PACs). DEVICE clamps Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded clamps to suit all of our manufactured devices. This include cube...
Description Rectifier Diode

File Size 94.33K  /  7 Page

View it Online

Download Datasheet

    ON Semi
Part No. 2N3055A ON0036
OCR Text ...uld not be used as steady-state clamps in interface applications. A clamp current exceeding 2.0 mA and with a duration greater than 500 ns can activate a parasitic lateral NPN transistor, which in turn can steal current from internal nodes ...
Description Complementary Slllcon
From old datasheet system

File Size 81.73K  /  6 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX9952
OCR Text ...dance state. Integrated voltage clamps limit the force output to levels set externally. The force-current or the measure-current voltage can be offset -0.2V to +4.4V (IOS). This feature allows for the centering of the control or measured si...
Description Dual Per-Pin Parametric Measurement Units

File Size 392.04K  /  23 Page

View it Online

Download Datasheet

    MAX9657 MAX9658

Maxim Integrated Products
Part No. MAX9657 MAX9658
OCR Text clamps. it features a bandwidth of 15mhz, making it suitable for not only standard-defi- nition video signals, but also video graphics array (vga) signals with a 640 x 480 resolution at up to 85hz refresh rate. the max9658 is a quad video a...
Description (MAX9657 / MAX9658) Quad Video (Filter) Amplifiers

File Size 314.41K  /  15 Page

View it Online

Download Datasheet

    MAX9975 MAX9975ARCCQ MAX9975AZCCQ

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX9975 MAX9975ARCCQ MAX9975AZCCQ
OCR Text ..., a dual com- parator, variable clamps, and an active load. an addi- tional differential comparator allows comparisons between the two channels. the driver features a wide voltage range and high-speed operation, includes high- impedance and...
Description Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load

File Size 883.10K  /  32 Page

View it Online

Download Datasheet

For clamps Found Datasheets File :: 3182    Search Time::1.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of clamps

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.8947548866272