PART |
Description |
Maker |
EDI8F8512C85B6I EDI8F8512LP85BSC EDI8F8512C85BSI E |
Monolithic 1A Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 1A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 4-Channel DC/DC Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R Monolithic 600mA Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP High Frequency PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc. Glenair, Inc. Amphenol, Corp.
|
RT9266 RT9266CE |
Tiny Package, High Efficiency, Step-up DC/DC Converter Input Volt. Range(V) = 1~6.5 ;; Output Volt. Range(V) = Adjustable ;;
|
RICHTEK
|
AM27C512L-90DC AM27C512L-90DI AM27C512L-150/BXA AM |
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C High Power Synchronous Switching Regulator Controller for DDR Memory Termination; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40° to 125°C Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 100V Synchronous Switching Regulator Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C x8 EPROM x8存储 No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C x8存储
|
Ecliptek, Corp. Electronic Theatre Controls, Inc.
|
LTC1909-8 LTC1909-8EG |
Wide Operating Range, No R Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
BD6066GU |
Step-up DC/DC converter for middle size LCD panel
|
ROHM[Rohm]
|
BD6066GU |
Step-up DC/DC converter for middle size LCD panel
|
Rohm CO.,LTD.
|
LTC3728LEGNPBF LINEARTECHNOLOGYCORP-LTC3728LXCUHTR |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28 Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3711EGNTR |
5-Bit Adjustable, Wide Operating Range, No RSENSE Step-Down Controller; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C 2 A SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
RN5RZ54LA-TL RN5RZ41HA-TR RN5RZ30BA RN5RZ40BA-TL R |
LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:75ucd; Viewing Angle:15 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Red; Luminous Intensity:10700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:1.85V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:9750mcd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Green; Luminous Intensity:700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.15V; Operating Temperature Range:-40 C to C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Amber; Luminous Intensity:8000ucd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 100 C; Color:Amber; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:2500ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.35V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
RICOH electronics devic... RICOH electronics devices division Ricoh Co., Ltd. http://
|
LT34331 LT3433IFETRPBF LT3433EFETR |
High Voltage Step-Up/Step-Down DC/DC Converter; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.9 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage Step-Up/Step-Down DC/DC Converter; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|