PART |
Description |
Maker |
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|
MB3827PFV MB3827 |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LTC1625 LTC1625CS LTC1625CGN LTC1625IGN LTC1625IS |
From old datasheet system No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator No R SENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
LTC3822NBSP LTC3822 LTC3822EDD LTC3822EMSE |
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
|
Linear Technology
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|