PART |
Description |
Maker |
LWV18C-R1S1-3K5L-1 |
FIREFLY? White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant FIREFLY㈢ White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
LWT673 LWT673-Q2 LWT673-Q2R2-1 LWT673-R2S2-1 LWT67 |
HYPER TOPLED WHITE HYPER-BRIGHT LED
|
OSRAM[OSRAM GmbH]
|
Q62703-Q3500 Q62703-Q3502 Q62703-Q3503 LSA676-P LS |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper SIDELED Hyper-Bright LED 超SIDELED超高亮LED
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG TE Connectivity, Ltd.
|
LA3366-PS LA3366-S Q62703-Q3885 LA3366-Q LA3366-QT |
Hyper 3 mm T1 LED / Diffused Hyper-Bright LED Hyper 3 mm T1 LED, Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, YELLOW, 3 mm Hyper 3 mm T1 LED, Diffused Hyper-Bright LED 毫米T1发光二极管,扩散超高亮LED Hyper 3 mm T1 LED, Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, AMBER, 3 mm Hyper 3 mm T1 LED, Diffused Hyper-Bright LED 3毫米T1发光二极管,扩散超高亮LED Hyper 3 mm T1 LED/ Diffused Hyper-Bright LED Hyper 3 mm T1 LED Diffused Hyper-Bright LED
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62703-Q3860 LSM776 LSM776-MQ LSM776-N LSM776-NR L |
Hyper Mini TOPLED RG Hyper-Bright LED 超迷你TOPLEDRG超高亮LED Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 1.4 mm Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 1.4 mm Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 1.4 mm SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Quick Connect Termination
|
SIEMENS AG Siemens Group SIEMENS[Siemens Semiconductor Group]
|
LB5433 LB5433-Q LB5433-QS LB5433-S LB5433-SU LB543 |
Hyper 5 mm (T1 LED, Non Diffused Hyper-Bright LED 毫米(T1?)发光二极管,非扩散超高亮LED Hyper 5 mm (T1 LED, Non Diffused Hyper-Bright LED 5毫米(T1?)发光二极管,非扩散超高亮LED Hyper 5 mm (T1 ?) LED, Non Diffused Hyper-Bright LED Hyper 5 mm (T1 ?) LED, Non Diffused Hyper-Bright LED
|
Osram Opto Semiconductors GmbH OSRAM[OSRAM GmbH]
|
LSYA676 LSYA676-PP LSYA676-PR LSYA676-QQ LSYA676-Q |
Hyper Multi SIDELED Hyper-Bright LED From old datasheet system
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LPA67K LPA67K-E1F2-25 LPA67K-E1G2-25 LPA67K-F1G2-2 |
Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
LYP476-R2T1-26 LYP476-Q2S1-26 LOP476 LOP476-R2T1-2 |
Hyper PointLED Hyper-Bright LED
|
OSRAM GmbH
|
Q62703-Q3428 LSYT676 LSYT676-P_P LSYT676-P_Q LSYT6 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyolefin; Number of Pairs:2; Leaded Process Compatible:Yes; Approval Bodies:NEC; Capacitance:34pF/ft RoHS Compliant: Yes Hyper Multi TOPLED Hyper-Bright LED
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LGL29K-G2J1-24 LGL29K-F2J1-24 LGL29K-F2H1-24 LGL29 |
SmartLED? 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant SmartLED垄莽 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant SmartLED㈢ 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|