PART |
Description |
Maker |
AQ200GY-N3-12-TRL AQ200GY-N3-12-BUL AQ200GY-M3-12- |
3oC Accurate with Hysteresis 120oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 120ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
EVAL-ADT7410EBZ ADT7410 ADT7410TRZ ADT7410TRZ-REEL |
±0.5°C Accurate, 16-Bit Digital I<sup>2</sup>C Temperature Sensor; Package: 8-pin; Temperature Range: -55°C to 150°C 隆戮0.5隆?C Accurate, 16-Bit Digital I2C Temperature Sensor ±0.5°C Accurate, 16-Bit Digital I2C Temperature Sensor
|
ANALOG DEVICES INC
|
MAX8505EEE MAX8505 |
3A. 1MHz. 1% Accurate. Internal Switch Step-Down Regulator with Power-OK 3AMHz%精确度、内置开关的降压型调节器,带有电源就绪指 3A, 1MHz, 1% Accurate, Internal Switch Step-down Regulator With Power-ok 3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AD8551 AD8552 |
Worlds Most Accurate Single-Channel Amplifier at 3 V-5 V Worlds Most Accurate Dual-Channel Amplifier at 3 V-5 V
|
Analog Devices
|
EVAL-ADT7310EBZ ADT7310TRZ ADT7310TRZ-REEL ADT7310 |
±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor 卤0.5掳C Accurate, 16-Bit Digital SPI Temperature Sensor 隆戮0.5隆?C Accurate, 16-Bit Digital SPI Temperature Sensor
|
Analog Devices
|
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
SA56004FTK SA56004AD SA56004ADP SA56004ATK SA56004 |
隆戮1 隆?C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms --1 deg Cel accurate, SMBus-compatible, 8-pin, remote-local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
|
NXP Semiconductors N.V.
|
TA0038 |
DC ACCURATE FSK MODULATOR
|
RFMD[RF Micro Devices]
|
NI24MA0502F NI24MA0502H NI24MA0502M NP30MA0502F NP |
NTC Accurate Thermistors
|
AVX Corporation
|