PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
NCP4561SN28T1 |
ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ON Semiconductor
|
NCV5661 NCV5661DT12RKG NCV5661DT33RKG NCV5661DTADJ |
Low Output Voltage, Ultra Fast 1.0A Low Dropout Linear Regulator with Enable(浣???虹???瓒?揩1.0A浣??宸?嚎?хǔ???) Low Output Voltage, Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable
|
ONSEMI[ON Semiconductor]
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
NCP5661 NCP5661DT12RKG NCP5661DT33RKG NCP5661DTADJ |
Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable LOW OUTPUT VOLTAGE,ULTRA−FAST 1.0 A LOW DROPOUT LINEAR REGULATOR WITH ENABLE
|
ON Semiconductor
|
MC33263-D |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
|
ON Semiconductor
|
RT2515A |
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
|
Richtek Technology Corporation
|
TJ49300GDP TJ49300GR TJ49300GRS |
3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Technology Co.
|
NCP716MT15TG NCP716MT18TBG NCP716MT50TBG NCP716MT1 |
80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
|
ON Semiconductor
|
BL8073 |
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
|
SHANGHAI BELLING CO., L...
|
NCP5661MNADJT2G NCP5661DT18RKG NCP5661DT33RKG NCP5 |
Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
|
ON Semiconductor
|