|
|
|
Advanced Monolithic Systems, Inc.r>ADMOS[Advanced Monolithic Systems]r>http://r>
|
Part No. |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-33 AMS1117-50 AMS1117CD AMS1117CD-15 AMS1117CD-18 AMS1117CD-25 AMS1117CD-285 AMS1117CD-33 AMS1117CD-50 AMS1117-B18 AMS1117CD-B18 AMS1117-285 AMSB1117-15 AMSB1117-18 AMSB1117-285 AMSB1117-33 AMSB1117-50 AMSB1117CD-15 AMSB1117CD-25 AMSB1117CD-285 AMSB1117CD-33 AMSB1117CD-50 AMS1117-1.5 AMS1117-1.8 AMS1117-2.5 AMS1117-2.85 AMS1117-3.3 AMS1117-5.0 AMS1117CD-1.5 AMS1117CD-1.8 AMS1117CD-2.5 AMS1117CD-2.85
|
Description |
5.0V 800mA low r='#FF0000'>dropout r='#FF0000'>voltage regulatorr>3.3V 800mA low r='#FF0000'>dropout r='#FF0000'>voltage regulatorr>2.85V 800mA low r='#FF0000'>dropout r='#FF0000'>voltage regulatorr>2.5V 800mA low r='#FF0000'>dropout r='#FF0000'>voltage regulatorr>1.8V 800mA low r='#FF0000'>dropout r='#FF0000'>voltage regulatorr>1.5V 800mA low r='#FF0000'>dropout r='#FF0000'>voltage regulatorr>800mA LOW r='#FF0000'>dropout r='#FF0000'>voltage rEGULATOr 800mA的低压差稳压r>BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,r>
|
File Size |
65.17K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc.r>ANALOG DEVICES INCr>
|
Part No. |
ADP3300ArT-3-rEEL ADP3300ArT-3-rEEL7 ADP3300ArT-5-rEEL ADP3300ArT-5-rEEL7 ADP3300ArT-2.7-rL ADP3300ArT-3.2-rL ADP3300ArT-3.2-rL7 ADP3300ArTZ-5rEEL7 ADP3300ArTZ-2.7rL7 ADP3300ArTZ-3-rL7 ADP3300ArTZ-3.3rL7 ADP33000001rTr ADP3300ArT-3.3 ADP3300ArT-3.2 ADP3300ArTZ-2.85-r7 ADP3300ArTZ-3.2-r7 ADP3300ArT-2.85-r7 ADP3300ArT-2.7 ADP3300ArT-2.85 ADP3300ArT-3
|
Description |
0.3-16V; high accuracy anyCAP 50mA low r='#FF0000'>dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, camerasr>High Accuracy anyCAP 50 mA Low r='#FF0000'>dropout Linear regulatorr>High Accuracy anyCAP? 50 mA Low r='#FF0000'>dropout Linear regulatorr>High Accuracy anyCAP® 50 mA Low r='#FF0000'>dropout Linear regulatorr>High Accuracy anyCAP50 mA Low r='#FF0000'>dropout Linear regulatorr>THrEE-TErMINAL POSITIVE FIXED r='#FF0000'>voltage rEGULATOrSr>2.7 V FIXED POSITIVE LDO rEGULATOr, 0.17 V r='#FF0000'>dropout, PDSO6 ULTrA SMALL, SOT-23, 6 PINr>3.3 V FIXED POSITIVE LDO rEGULATOr, 0.17 V r='#FF0000'>dropout, PDSO6 ULTrA SMALL, SOT-23, 6 PINr>3.2 V FIXED POSITIVE LDO rEGULATOr, 0.17 V r='#FF0000'>dropout, PDSO6 LEAD FrEE, ULTrA SMALL, SOT-23, 6 PINr>3.2 V FIXED POSITIVE LDO rEGULATOr, 0.17 V r='#FF0000'>dropout, PDSO6 ULTrA SMALL, SOT-23, 6 PINr>
|
File Size |
129.81K /
8 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|