PART |
Description |
Maker |
AMS3100 AMS3100AM AMS3100BM AMS3100CM |
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
|
Advanced Monolithic Systems
|
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
NCV8501DWADJ NCV8501DWADJR2 |
Micropower 150 mA LDO linear regulator with ENABLE, DELAY, RESET and monitor FLAG. Output voltage adjustable
|
ON Semiconductor
|
LT1173 LT1173-12 LT1173-5 LT1173CN8 LT1173CN8-12 L |
Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LT1110 LT1110-12 LT1110-5 LT1110CN8 LT1110CN8-12 L |
Micropower DC-DC Converter Adjustable and Fixed 5V/ 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
NJU7051 NJU7051D NJU7051M NJU7051V NJU7052 NJU7052 |
10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 低输入失调电压的C - MOS运算放大 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ADR292 ADR290FR ADR292FR ADR290ER-RELL ADR290FR-RE |
18V; low noise micropower precision voltage reference. For portable instrumentation, precision reference for 3 or 5V systems Precision, Micropower 2.5 V XFET(TM) Reference Precision, Micropower 4.096V XFET Reference Precision, Micropower 2.048 V XFET Reference Low Noise Micropower
2.048 V, 2.5 V, and 4.096 V
Precision Voltage References Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Low Noise Micropower Precision Voltage References 低噪声微精密电压基准 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
OM1322STM OM1322N2M OM1322NKM OM1322NMM OM1322NTM |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403 1.5放大器的负电压调节器调节批准降序703403
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers TE Connectivity, Ltd.
|
NCV8504PWADJR2 NCV8504 NCV8504PW25 NCV8504PW25R2 N |
Micropower 400ma LDO Linear Regulators with DELAY, Adjustable /RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
|
ONSEMI[ON Semiconductor]
|
LT1109A LT1109A-12 LT1109A-5 LT1109ACN8 LT1109ACN8 |
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V From old datasheet system Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V/ 12V
|
http:// LINER[Linear Technology]
|
ADP1073 ADP1073AN ADP1073AN-12 ADP1073AN-33 ADP107 |
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|