PART |
Description |
Maker |
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STR755FV1T6 STR755FR2 STR755FV2 STR755FV0T6 STR755 |
ARM7TDMI-S32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 的ARM7TDMI - S2位微控制器的闪存,新措施性病16位定时器,PWM定时器,快速的10位ADC和I2C,UART的,过磷酸钙,USB和CAN ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
意法半导 STMicroelectronics N.V.
|
STR750FXX1 STR750FV1H6 STR751FR0H6 |
ARM7TDMI-S⑩ 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
STR752FR2H7 STR750FV2H6 STR755FR1T6 STR755FR2H6 ST |
ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMICROELECTRONICS[STMicroelectronics]
|
ADUC7128 |
Precision Analog Microcontroller ARM7TDMI MCU with 12-bit ADC & DDS DAC
|
Analog Devices
|
STR71XF08 STR715FR0 STR711FR0 |
ARM7TDMI垄芒 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
AT91SAM7A1 AT91SAM7A1-AI |
The AT91SAM7A1 features a 36 MIPS ARM7TDMI processor with 4K bytes of SRAM, fully programmable External Bus Interface (EBI) and a ... ARM7TDMI BASED MICROCONTROLLER ARM7TDMI的微控制
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
PIC16C765T/JW PIC16C745TI/PT PIC16C745TI/JW PIC16C |
IC-SMD-8-BIT MCU IC-8-BIT MCU CONN JACK RF RA PANEL MOUNT GOLD Microcontroller 微控制器 8-Bit CMOS Microcontrollers with USB 8位CMOS微控制器与USB
|
Microchip Technology Inc. Microchip Technology, Inc.
|
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
ST722311R6T3S ST722311R6T7S ST72511R6T1 ST72511R7T |
(ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|