PART |
Description |
Maker |
LX6523AID-TR |
High Performance CCFL Controller
|
Microsemi Corporation
|
LX6503AID-TR LX6503A LX6503AID |
High Performance CCFL Controller
|
Microsemi Corporation
|
OB3328N |
High Performance CCFL Controller
|
On-Bright
|
LT1768 |
High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime High Power CCFL Controller with Multimode Dimming
|
Linear Technology
|
GAL16V8A GAL16V8B GAL16V8A-15LPI GAL16V8A-10LJI GA |
HIGH PERFORMANCE E2CMOS PLD EE PLD, 15 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 25 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD E2CMOS的高性能可编程逻辑器件 16 BIT MCU, 32K FLASH HIGH PERFORMANCE E2CMOS PLD
|
http:// Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
HCMS-39X2 HCMS-3902 HCMS-3904 HCMS-3912 HCMS-3914 |
HCMS-3974 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3972 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3964 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3962 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3914 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3912 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3904 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3902 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ADG608 ADG609 ADG609BCHIPS ADG609BR ADG609BRU ADG6 |
4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers 3 V/5 V/ 4/8 Channel High Performance Analog Multiplexers LC2MOS ?5V 8-Channel High Performance Analog Multiplexer LC2MOS, ?5 V, 4-Channel High Performance Analog Multiplexer LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer
|
ANALOG DEVICES INC Analog Devices, Inc.
|
BIT3105 BIT3105-SSO |
High Efficiency ZVS CCFL Controller
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
CY37064P100-200AC CY37128VP100-83AC CY37128VP100-8 |
5V, 3.3V, ISRTM High-Performance CPLDs 5V, 3.3V, ISRTM High-Performance CPLDs Programmable Logic : Programmable Logic Devices 5V, 3.3V, ISR<SUP>TM</SUP> High-Performance CPLDs
|
Cypress
|