PART |
Description |
Maker |
CX-1H-03 CX-1HS-03 |
10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
|
RSG Electronic Components GmbH
|
CX3VCSM1 CX3VCSM2 CX3VCSM3 CX3VSCSM1 CX3VSCSM2 CX3 |
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
|
RSG Electronic Components GmbH
|
IXGT60N60B2 |
Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching 75 A, 600 V, N-CHANNEL IGBT, TO-268AA
|
IXYS, Corp.
|
CS5180-CL |
Modulator & 8 kHz to 400 kHz 16-Bit ADC Modulator & 8 kHz to 400 kHz 16-Bit ADC 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC28
|
Cirrus Logic, Inc.
|
CY2040 CY2040-2 CY2040-3 CY2040ZC-3 |
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input 32 kHz4兆赫的精密时钟发生器2 kHz输入
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ATA5575M1 |
Read/Write LF RFID IDIC 100 kHz to 150 kHz
|
ATMEL Corporation
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
NCP1445T NCP1442 NCP1442FR4 NCP1442FR4G NCP1442T N |
4.0 A 280 kHz/560 kHz Boost Regulators
|
ONSEMI[ON Semiconductor]
|
AD1854 AD1854JRS AD1854JRSRL AD1854KRS AD1854KRSRL |
Stereo, 96 kHz, Multibit DAC Stereo, 96 kHz, Multibit Sigma-Delta DAC Stereo 96 kHz Multibit DAC Stereo, 96 kHz, Multibit DAC DUAL, SERIAL INPUT LOADING, 24-BIT DAC, PDSO28
|
AD[Analog Devices] Analog Devices, Inc.
|
CS51412GDR8G CS51411GMNR2G CS51413EMNR2G |
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability 3 A SWITCHING REGULATOR, 296 kHz SWITCHING FREQ-MAX, PDSO8 1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability 3 A SWITCHING REGULATOR, 296 kHz SWITCHING FREQ-MAX, PDSO18
|
Rectron Semiconductor
|