PART |
Description |
Maker |
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
LT1977 1977F LT1977EFE LT1977IFE 1977IFE |
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current From old datasheet system High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
LINER[Linear Technology]
|
KIA7815AP KIA7810API KIA7808AP KIA7812API KIA7805A |
Three Terminal 10V Positve Voltage Regulator(三端0V正电压输出稳压器) Three Terminal 12V Positve Voltage Regulator(三端2V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 18V Positve Voltage Regulator(三端8V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端5V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端6V正电压输出稳压器) Three Terminal 8V Positve Voltage Regulator(三端V正电压输出稳压器) 三端8V的Positve稳压器(三端V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(三端5V正电压输出稳压器) 三端15VPositve稳压器(三端5V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(涓????5V姝g?????虹ǔ???) Three Terminal 8V Positve Voltage Regulator(涓????V姝g?????虹ǔ???)
|
KEC Holdings
|
STR30110 STR30112 STR30113 STR30115 STR30120 STR30 |
Voltage regulator fixed output voltage135 /-0.8V Voltage regulator fixed output voltage134 /-0.8V Voltage regulator fixed output voltage125 /-0.8V Voltage regulator fixed output voltage123 /-0.8V Voltage regulator fixed output voltage120 /-0.8V Voltage regulator fixed output voltage115 /-0.8V Voltage regulator fixed output voltage113 /-0.8V Voltage regulator fixed output voltage112 /-0.8V Voltage regulator fixed output voltage110 /-0.8V SANKEN ELECTRIC COMPANY, LTD. Sanken Hybrid IC Voltage Regulator STR30000 Series (STR30000 Series) Hybrid IC Voltage Regulator Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节器STR30000系列 Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节STR30000系列
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
ADP3050 ADP3050AR ADP3050AR-33 ADP3050AR-5 |
200 kHz/ 1 A High-Voltage Step-Down Switching Regulator Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes 200 kHz, 1 A High-Voltage Step-Down Switching Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LT1615 LT1615-1 LT1615ES5 LT1615ES5-1 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23
|
http:// LINER[Linear Technology] Linear Technology, Corp.
|
MAX1536 |
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control From old datasheet system
|
MAXIM - Dallas Semiconductor
|
IFX91041 |
1.8A DC/DC Step-Down Voltage Regulator 5.0V & 3.3V or Adjustable Output Voltage
|
Infineon Technologies AG
|
LM2576BM |
3A Step-Down Voltage Regulator
|
Tiger Electronic Co.,Ltd
|
|