PART |
Description |
Maker |
IRG4PC50S IRG4PC50SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A) INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC40K |
Insulated Gate Bipolar Transistors (IGBTs)(短路额定超快速绝缘栅型双极型晶体 绝缘门双极晶体管IGBTs)(短路额定超快速绝缘栅型双极型晶体管) INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A) 600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MGP11N60E-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MGP20N60U-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MMG05N60D_D ON2233 MMG05N60D |
Insulated Gate Bipolar Transistor From old datasheet system N-hannel Enhancement-ode Silicon Gate
|
ONSEMI[ON Semiconductor]
|
MGS05N60D_D ON1885 MGS05N60D MGS05N60D-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate IGBT 0.5 A @ 25 600 V From old datasheet system
|
ONSEMI[ON Semiconductor]
|
IRGP4069PBF |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
2PG303 |
Insulated Gate Bipolar Transistor
|
Panasonic
|
IRG4BC40UPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|