PART |
Description |
Maker |
PDU620CT-13 PDU620CT PDU620CT1 PDU620CT-15 |
Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers 6A DUAL ULTRA-FAST RECOVERY RECTIFIER 6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
|
Diodes Incorporated
|
1N5420 JANS1N5420 1N5415 1N5415-1 1N5416 1N5417 1N |
RECTIFIERS MILITARY APPROVED/ FAST RECOVERY/ 3AMP Fast Rectifier (100-500ns) ZFKDSA 1,5-W-5,08- 7 FAST RECTIFIERS MSTBV 2,5/22-G MSTBV 2,5/21-G RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
|
MICROSEMI[Microsemi Corporation]
|
CURA103-HF CURA102-HF CURA105-HF CURA104-HF CURA10 |
Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A SMD Ultra Fast Recovery Rectifiers
|
Comchip Technology
|
CEFA202-G CEFA201-G CEFA201-G12 CEFA203-G |
Efficient Fast Recovery Rectifiers, V-RRM=200V, V-R=200v, I-O=2A Efficient Fast Recovery Rectifiers, V-RRM=100V, V-R=100v, I-O=2A Efficient Fast Recovery Rectifiers, V-RRM=50V, V-R=50v, I-O=2A SMD Efficient Fast Recovery Rectifiers
|
Comchip Technology
|
1N5189 1N5187 1N5190 1N5186 1N5188 |
RECTIFIERS MILITARY APPROVED 3AMP FAST RECOVERY RECTIFIERS MILITARY APPROVED/ 3AMP/ FAST RECOVERY RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY 3 A, SILICON, RECTIFIER DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
CSFB201-G CSFB202-G CSFB203-G CSFB204-G CSFB205-G |
Super Fast Recovery Rectifiers, V-RRM=50V, V-R=50V, I-O=2A Super Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=2A Super Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=2A Super Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=2A Super Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=2A
|
Comchip Technology
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
1N4934-B 1N4935-B 1N4933-B 1N4937-B |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
DL4933 DL4936 |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
PR1006GL PR1003GL PR1001GL PR1007G PR1007GL PR1004 |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|