PART |
Description |
Maker |
6PHR20 6PHR05 6PHR10 6PHR40 6PHR60 6PHR80 |
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY 快恢复单相全波桥 PC板和散热片的安装200纳秒快恢复安
|
Electronic Devices, Inc. TE Connectivity, Ltd.
|
VBE100-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 100 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
SC3AS05F SC3AS4F SC3AS2F SC3AS1F |
FAST RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS Fast Recovery 3-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流110A,快速恢复,3相全波桥整流 3 PHASE, 16 A, SILICON, BRIDGE RECTIFIER DIODE
|
Semtech Corporation
|
VBE60-06A |
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
http:// IXYS[IXYS Corporation]
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
PSB71F-12 PSB71F12 PSB71F08 |
Single Phase Rectifier Bridge Single PhaseRectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
SC3BH05F SC3BH1F SC3BH2F SC3BH4F |
Fast Recovery 3-Phase Full Wave Bridge Rectifier(反向电压100V,管壳温5℃时平均整流电流9A,快速恢复,3相全波桥整流 Fast Recovery 3-Phase Full Wave Bridge Rectifier(反向电压200V,管壳温5℃时平均整流电流9A,快速恢复,3相全波桥整流 Fast Recovery 3-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温5℃时平均整流电流9A,快速恢复,3相全波桥整流 Fast Recovery 3-Phase Full Wave Bridge Rectifier(反向电压50V,管壳温5℃时平均整流电流9A,快速恢复,3相全波桥整流 FAST RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS
|
Semtech Corporation
|
PKR PKR20 PKR60 PKR100 PKR40 PKR80 PKR05 |
FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
|
Electronic devices inc.
|
BRUS1 BRUS105 BRUS110 BRUS120 BRUS140 BRUS150 BRUS |
ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
|
Electronic devices inc.
|
VBE26-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes
|
IXYS
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|