PART |
Description |
Maker |
XR16C872CQ |
DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER 2 CHANNEL(S), 460.8K bps, SERIAL COMM CONTROLLER, PQFP100
|
Exar, Corp.
|
ST16C452PS |
Dual UART with Parallel Printer Port
|
Exar
|
PACSZ1284-04QR PACSZ128406 PACSZ1284-02Q PACSZ1284 |
IEEE 1284 Parallel Port ESD/EMI/Termination Network IEEE 1284 Parallel Port ESD/EMI/Termination Network 17 FUNCTIONS, 5 V, DATA LINE FILTER
|
California Micro Device... California Micro Devices Corp
|
B170-002-R |
2-Port IEEE-1284 Parallel Printer Auto Sharing Switch
|
Tripp Lite. All Rights Reserved
|
PAC1284-03QR PAC1284-04QR PAC1284-06QR PAC1284-01Q |
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK APPLICATION SPECIFIC DIODE ARRAY|SO 特定应用二极管阵列| P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK P /有源符合IEEE 1284支持ECP / EPP终端网络 PActive IEEE 1284 ECP/EPP Termination Network, ±4kV HBM ESD
|
California Micro Device... Maxim Integrated Products, Inc. California Micro Devices Corporation
|
XR88C92 XR88C92CJ XR88C92CP XR88C92CV XR88C92IJ XR |
Dual UART with 16 Bytes Transmit and Receive FIFO DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER Dual UART with 8 Bytes Transmit and Receive FIFO
|
EXAR[Exar Corporation]
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
ST16C2550 ST16C2550CJ44 ST16C2550CP40 ST16C2550CQ4 |
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFO’S DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
|
EXAR[Exar Corporation]
|
5962-89657023A |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Military DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
EI68C681 EI88C681 |
DUAL UART
|
IMP Inc A1 PROs co., Ltd. IMP, Inc
|
MAX1271ACAI-T MAX12528ETKTD MAX19507 MAX1267AEEG-T |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 Dual, 80Msps, 12-Bit, IF/Baseband ADC DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 双通道位130Msps ADC 双通道位130Msps ADC 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
XR17C152 XR17C152IM XR17C152CM |
5V PCI BUS DUAL UART
|
EXAR[Exar Corporation]
|