Part Number Hot Search : 
STK4161 CSPLTVK 5KE10 TDF2912 CSPLTVK H5PS5 4LVCH 2SD0966
Product Description
Full Text Search
  plug--play Datasheet PDF File

For plug--play Found Datasheets File :: 1906    Search Time::2.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Yamaha
Part No. RX-396 RX-496
OCR Text ...A. The power-supply cord or the plug has been damaged; or B. Objects have fallen, or liquid has been spilled into the unit; or C. The unit h...PLAY A/B AUX TAPE 2 TAPE 1 - PRESET + A/B/C/D/E TUNER DISC PLAY CD ...
Description (RX-396 / RX-496) Natural Sound Stereo Receiver

File Size 614.13K  /  47 Page

View it Online

Download Datasheet





    ADC
Part No. ADCJF6A08 ADCJF6A09
OCR Text ...ow adc to deliver a 1ru 48-port plug-and-play panel solution in addition to high density at the workstation. features: the new right angle utp copperten jack can be used with adcs new 1ru 48-port ? plug and play patch panel truenet ? ...
Description 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, JACK

File Size 70.59K  /  2 Page

View it Online

Download Datasheet

    Samsung
Part No. CS21A730 CS21Z30 CS21Z50 CS21Z57 CS21M40 CS21Z45
OCR Text ... the rear of the television 1 plug the mains lead into an appropriate socket. ? the main voltage is indicated on the rear of the televi...play on page 3. 4 to switch the television off, press the i button (on/off) on the front (or ...
Description COLOUR TELEVISION

File Size 1,966.09K  /  8 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. VT83C469
OCR Text ...ort unlimited sockets under ISA Plug and Play mode In addition, the VT83C469 offers a jumperless configuration mechanism which allows the system manufacturer to set up a configuration (CONFIG.SYS) driver for PC card setup. FEATURES * * ...
Description PCMCIA Socket Controller

File Size 154.18K  /  36 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. XR16C872IQ XR16C872 XR16C872CQ
OCR Text PLUG-AND-PLAY CONTROLLER DESCRIPTION August 2003 The XR16C8721 (872) is a dual universal asynchronous receiver and transmitter (UART) with a 1284 bi-directional parallel port and ISA Bus Plug-and-Play (PnP) interface. The PnP inter...
Description DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER

File Size 339.89K  /  60 Page

View it Online

Download Datasheet

    CS4239 CS4239-KQ CS4239-JQ

Cirrus Logic
Part No. CS4239 CS4239-KQ CS4239-JQ
OCR Text ...integrated FM synthesizer and a Plug-and-Play interface. In addition, the CS4239 includes hardware master volume control pins as well as extensive power management and 3D sound technology. The CS4239 adds a Zoom-Video asynchronous digital s...
Description CrystalClear⑩ Portable ISA Audio System

File Size 1,033.03K  /  98 Page

View it Online

Download Datasheet

    293359-1

Tyco Electronics
Part No. 293359-1
OCR Text ...t stand out now you can have a plug-and-play interconnection system that easily conducts power anywhere. with the nector s line connector, you are no longer limited by the size and shape of a connector. the small, smart wiring solution c...
Description NECTOR S Line Connectors

File Size 4,984.67K  /  28 Page

View it Online

Download Datasheet

    BCM3520

ETC
Part No. BCM3520
OCR Text Plug and Play DTV Receiver FEATURES * Integrated VSB/QAM QAMLink(R) receiver 12-bit A/D converter with internal AGC amplifier Full equalizer architecture spans up to -35 to 49 s delays Direct IF sampled architecture reduces system cost Si...
Description CONNEC TV PLUG AND PLAY DTV RECEIVER

File Size 118.03K  /  2 Page

View it Online

Download Datasheet

    XCC123456P03A

List of Unclassifed Manufacturers
Part No. XCC123456P03A
OCR Text plug & play power next generation power source lowest profile (1u) highest efficiency features ? up to 1200w multi-output power in 1u (40mm) ? 1.5v to 58v standard output voltages ? all outputs fully floating ? plug & play power module arc...
Description next generation power source

File Size 1,936.43K  /  13 Page

View it Online

Download Datasheet

For plug--play Found Datasheets File :: 1906    Search Time::2.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of plug--play

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7609009742737