PART |
Description |
Maker |
1N4701-TAPE 1N4704C 1N4704A 1N4712D 1N4712C 1N4709 |
Diode Zener Single 14V 5% 500mW 2-Pin DO-35 Ammo Diode Zener Single 17V 2% 500mW 2-Pin DO-35 Diode Zener Single 17V 5% 2-Pin DO-7 Diode Zener Single 28V 1% 500mW 2-Pin DO-35 Diode Zener Single 28V 2% 500mW 2-Pin DO-35 Diode Zener Single 24V 1% 500mW 2-Pin DO-35 Diode Zener Single 18V 1% 500mW 2-Pin DO-35 Diode Zener Single 15V 1% 500mW 2-Pin DO-35 Diode Zener Single 18V 2% 500mW 2-Pin DO-35 Diode Zener Single 22V 1% 500mW 2-Pin DO-35 Diode Zener Single 25V 1% 500mW 2-Pin DO-35 Diode Zener Single 13V 1% 500mW 2-Pin DO-35 Diode Zener Single 3V 1% 500mW 2-Pin DO-35 Diode Zener Single 39V 1% 500mW 2-Pin DO-35 Diode Zener Single 5.6V 1% 500mW 2-Pin DO-35 Diode Zener Single 8.2V 1% 500mW 2-Pin DO-35
|
New Jersey Semiconductor
|
1N5756D 1N5749D 1N5739D 1N5728C 1N5742C 1N5747D 1N |
Diode Zener Single 68V 1% 500mW 2-Pin DO-35 Diode Zener Single 36V 1% 500mW 2-Pin DO-35 Diode Zener Single 13V 1% 500mW 2-Pin DO-35 Diode Zener Single 4.7V 2% 500mW 2-Pin DO-35 Diode Zener Single 18V 2% 500mW 2-Pin DO-35 Diode Zener Single 30V 1% 500mW 2-Pin DO-35 ZENER VOLTAGE 4.7 TO 75V
|
New Jersey Semiconductors New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
1N754 1N746 1N759 1N4371 1N4372 1N747 1N748 1N749 |
500mW SILICON ZENER DIODES 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 12.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 4.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 8.2 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -2% tolerance. SIDE GRIPS, PAIR GREY LARGESIDE GRIPS, PAIR GREY LARGE; Colour:Grey; Pack size:2 surface mount silicon Zener diodes 500mW, silicon zener diode. Zener voltage 12 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 10 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 7.5 V. Test current 20 mA. -1% tolerance.
|
Jinan Gude Electronic D... JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 娴???洪??靛??ㄤ欢??????
|
HFBR-53A5VEM HFBR-53A5VFM |
3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage DIODE ZENER SINGLE 500mW 16Vz 5mA-Izt 0.05 0.1uA-Ir 11.2 PowerDI-323 3K/REEL DIODE ZENER SINGLE 500mW 15Vz 5mA-Izt 0.05 0.1uA-Ir 10.5 PowerDI-323 3K/REEL
|
http://
|
A63L0636E-4.2F A63L0636 A63L0636E A63L0636E-2.6 A6 |
DIODE ZENER SINGLE 500mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1Vr DO35-GLASS 5K/AMMO 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DIODE ZENER SINGLE 500mW 5.6Vz 20mA-Izt 0.05 5uA-Ir 3Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. http:// AMIC Technology Corporation AMICC[AMIC Technology]
|
CLL4689 CLL4695 |
500mW Low Level Zener Diode(齐纳电压5.1V,500mW低噪声齐纳二极管) 500mW Low Level Zener Diode(齐纳电压8.7V,500mW低噪声齐纳二极管) 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
1N4899 1N4899A 1N4906 1N4906A 1N4907 1N4909 |
Diode Zener Single 12.8V 5% 500mW 2-Pin DO-35
|
New Jersey Semiconductor
|
1N964B 1N991B 1N957B 1N957B_04 1N958B 1N959B 1N960 |
15V, 0.5W Zener Diode 33V, 0.5W Zener Diode 10V, 0.5W Zener Diode 12V, 0.5W Zener Diode 22V, 0.5W Zener Diode 18V, 0.5W Zener Diode 16V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode Half Watt Zeners Zeners General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
DWEP70-10 DWFN9-16_18 DWEP37-02 DWFN35-16/18 CWP22 |
Rectifier Diodes & FRED 41 A, 1200 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 123 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 106 A, 300 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 143 A, 300 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 60 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 80 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 8 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 30 A, SILICON, RECTIFIER DIODE DIODE ZENER SINGLE 150mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-523 3K/REEL 整流二极 DIODE SWITCHING SINGLE 75V 200mA-Io 250mW 4ns-trr DFN1006-2 3K/REEL 11 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 20 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 54 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 整流二极 Rectifier Diodes & FRED 40 A, 200 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 12 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 15 A, 600 V, SILICON, RECTIFIER DIODE DIODE ZENER SINGLE 500mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-123 3K/REEL 整流二极 DIODE ZENER SINGLE 200mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-323 3K/REEL MDM-25PSM2 RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 250ns 5uA-ir DO-41 5K/AMMO DIODE DF005S T&R DIODE ZENER SINGLE 500mW 24Vz 0.05mA-Izt 0.05 0.05uA-Ir 18.2 SOD-123 3K/REEL DIODE ZENER SINGLE 500mW 27Vz 0.05mA-Izt 0.05 0.05uA-Ir 20.4 SOD-123 3K/REEL RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER BRIDGE 1A 100V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.2V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 1.5K/REEL-13 Rectifier Diodes & FRED DIODE ZENER TRIPLE ISOLATED 200mW 7.48Vz 20mA-Izt 0.0254 0.1uA-Ir 6 SOT-363 3K/REEL Rectifier Diodes & FRED
|
Samtec, Inc. IXYS, Corp. http:// IXYS Corporation
|
MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B MMBZ5221B |
Zeners 6.8 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3-32V Dual Operational Amplifier, Ta = 0 to 70°C; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3.9V, 0.35W Zener Diode 27V, 0.35W Zener Diode 6.8V, 0.35W Zener Diode 33V, 0.35W Zener Diode 13V, 0.35W Zener Diode 9.1V, 0.35W Zener Diode 15V, 0.35W Zener Diode 30V, 0.35W Zener Diode 16V, 0.35W Zener Diode 3.3V, 0.35W Zener Diode 20V, 0.35W Zener Diode
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
|