Part Number Hot Search : 
22112 DAC10FX SD161 HFD1N70 74LS193 PS104RS F4NNTTD 1N1343B
Product Description
Full Text Search
  0.0252 Datasheet PDF File

For 0.0252 Found Datasheets File :: 1087    Search Time::2.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NX60TA-09SAA3-SP NXT-PA_05 NX-09T-CV NX-09T-F3 NX-09T-F9 NX-09T-KT3 NX-09T-KT9 NX-15T-CV NX-15T-CV1 NX-15T-F3 NX-15T-F9

HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
Part No. NX60TA-09SAA3-SP NXT-PA_05 NX-09T-CV NX-09T-F3 NX-09T-F9 NX-09T-KT3 NX-09T-KT9 NX-15T-CV NX-15T-CV1 NX-15T-F3 NX-15T-F9 NX-15T-KT3 NX-15T-KT9 NX-25TA-CV1 NX-25T-BS NX-25T-CV NX-25T-F3 NX-25T-F9 NX-25T-KT3 NX-25T-KT9 NX30H-68P NX30TA-09PAA NX30TA-15PAA NX30TA-25PAA NX30TA-32PAA NX-32TA-CV1 NX-32T-BS NX-32T-F3 NX-32T-F9 NX-32T-KT3 NX-32T-KT9 NX-32T-P NX-32T-P_05 NX-32T-PA NX-32T-PA_05 NX60H-68S9-SP NX60T0-32SAA9-SP NX60TA-09SAA9-SP NX60TA-25SAA3-SP NX60TA-25SAA9-SP NX60TA-32SAA3-SP NX60TB-15SAA3-SP NX60TB-15SAA9-SP NX-68H-CV NX-68H-KT9_05 NX-CSA NX-CSB NXT-P NXT-P_05 NXT-PA NX-32T-P05 NX-32T-PA05 NX-68H-KT905 NXT-P05 NXT-PA05
OCR Text ...is 6. Sequential Mating The 0.8mm pitch contacts are engaging the corresponding parts in sequence: GroundPower & Signal 7. Rugged Con...0252-0 Cutting and IDC termination attachment fixtures NX30TA-9GP CL902-0253-2 NX30TA-15GP CL902-...
Description I/O Card Interface Connectors I / O卡接口连接器
CONNECTOR ACCESSORY
GT 8C 8#16 SKT PLUG
GT 3C 3#12 PIN PLUG
122 x 32 pixel format, LED or EL Backlight available
122 x 32 pixel format, Compact LCD size

File Size 406.08K  /  15 Page

View it Online

Download Datasheet





    MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX512MJD MAX513CPD MAX513CSD MAX513EPD MAX513ESD MAX513MJD 1118 MAX512C_

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX512MJD MAX513CPD MAX513CSD MAX513EPD MAX513ESD MAX513MJD 1118 MAX512C_D MAX513C_D MAX513C/D MAX512C/D
OCR Text ...an source or sink 5mA to within 0.5V of VDD or VSS. The buffer for DAC B can source or sink 0.5mA to within 0.5V of V DD or V SS . DAC C is unbuffered, providing a third voltage output with increased accuracy. The MAX512 operates with a sin...
Description From old datasheet system
Stereo Class-AB Audio Amplifier with Stereo Headphone Drive and I2C Control 24-HTSSOP -40 to 85
CAP 331PF 25V CERAMIC X7R 0201
Low-Cost / Triple / 8-Bit Voltage-Output DACs with Serial Interface
Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 70 us SETTLING TIME, 8-BIT DAC, PDIP14

File Size 177.78K  /  16 Page

View it Online

Download Datasheet

    Motorola
Part No. MHVIC915R2
OCR Text ...mbol VDSS VGS Tstg TJ Value 65 -0.5, +15 -65 to +150 150 Unit Vdc Vdc C C THERMAL CHARACTERISTICS Characteristic Thermal Resistance, Jun...0252 x 0.843 Microstrip 0.0252 x 0.167 Microstrip 0.040 x 0.850 Microstrip 0.025 x 0.400 Microstrip ...
Description CDMA, GSM/GSM EDGE, 946-960 MHz, 15 W, 27 V RF LDMOS Wideband Integrated Amplifier

File Size 463.26K  /  12 Page

View it Online

Download Datasheet

    UPD160062 UPD160062N-XXX UPD160062N

http://
NEC[NEC]
Part No. UPD160062 UPD160062N-XXX UPD160062N
OCR Text ...amic range is as large as VSS2 +0.1 V to VDD2 -0.1 V, level inversion operation of the LCD's common electrode is rendered unnecessary. Also,...0252 r10 4.00 0.0252 r11 3.50 0.0221 r12 3.50 0.0221 r13 3.50 0.0221 r14 3.00 0.0189 r15 3.00 0.0189...
Description 420-OUTPUT TFT-LCD SOURCE DRIVER

File Size 206.52K  /  18 Page

View it Online

Download Datasheet

    LITTELFUSE[Littelfuse]
Part No. 067302.5 0673.400 0673.200 0673010. 0673007. 0673001 0673004. 067301.6 067301.5 0673002. 0673003. 0673.250 0673.300 0673.500 0673.600 673 0673.100 0673.125 0673.800 0673005. 0673006. 0673008.
OCR Text ...ories and Certified by CSA from 0.050 through 10 Amps. INTERRUPTING RATING: 50A@250V AC PACKAGING OPTIONS: Please refer to the follo...0252 1.1880 0.0332 0.3140 0.0735 0.2250 0.137 0.1550 0.482 0.1120 0.949 0.0940 1.22 0.0515 3.52 0.04...
Description Axial Lead and Cartridge Fuses - Glass Body

File Size 32.73K  /  1 Page

View it Online

Download Datasheet

    LITTELFUSE[Littelfuse]
Part No. 163.7010.0352 163.7010.0402 163.7010.0452 163.7010.0502 163.7010.0102 163.7010.0152 163.7010.0202 163.7010.0252 163.7010.0302
OCR Text ...e: metallschicht Widerstand 1%, 0.4 W / metal coating resistance 1%, 0.4 W / resistance de couche metallique 1%, 0.4 W Verpackungseinheit / ...0252 163.7010.0302 163.7010.0352 163.7010.0402 163.7010.0452 163.7010.0502 RK 110 240 430 680 ...
Description FKS-Coding plugs

File Size 157.46K  /  1 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
Part No. 11691D
OCR Text ... frequency response test set, a 0.1 to 18 GHz detection and display system. Figure 1. Setup for simultaneous swept measurement of inserti...0252 Email: tm_asia@agilent.com Online Assistance: ww.agilent.com/find/assist Product specificat...
Description 11691D Coaxial Directional Coupler 2 GHz to 18 GHz

File Size 197.79K  /  5 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. SI8417DB
OCR Text ...erature ranges under the pulsed 0-V to 5-V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltag...0252 20 -0.78 Measured Data Unit VGS(th) ID(on) VDS = VGS, ID = -250A VDS -5V, VGS = -4...
Description P-Channel 1.8-V (G-S) MOSFET

File Size 178.43K  /  3 Page

View it Online

Download Datasheet

    2MBI1200UG-170

List of Unclassifed Manufacturers
N.A.
Part No. 2MBI1200UG-170
OCR Text ....5 2.35 2.70 2.05 2.40 120 1.30 0.75 1.50 0.40 2.10 2.30 1.80 2.00 0.45 0.25 1.0 1600 7.5 2.65 2.35 2.45 2.15 - Units mA nA V Tj=125C...0252 0.042 - Units C/W with Thermal Compound (*) * This is the value which is defined moun...
Description IGBT MODULE

File Size 460.26K  /  13 Page

View it Online

Download Datasheet

    121668-0221 121668-0220 121668-0222 330-8674-025 025-8636-037 025-8636-053 121583-0000 121668-0202 121668-0252 121668-02

ITT[ITT Industries]
Part No. 121668-0221 121668-0220 121668-0222 330-8674-025 025-8636-037 025-8636-053 121583-0000 121668-0202 121668-0252 121668-0253 121668-0254 121668-0255 121668-0265 121668-0266 121668-0267 121668-0268 121668-0269 121668-0270 121668-0271 121668-0272 273-8506-008 273-8506-009 273-8506-010 273-8506-011 330-8674-020
OCR Text ...re Range Shock Vibration IP 67: 0,1 bar / 30 minutes IP 69K. Jet water 85C -40C / 125C 50g / 11ms half sine IEC 60512 Sine wave 70-2.000 Hz,...0252 121668-0253 121668-0269 121668-0271 0,35 - 0,75 mm2 0,75 - 1,50 mm 2 0,35 - 0,75 mm2 0,7...
Description Cannon APD / DIN 72585 Connectors

File Size 128.78K  /  4 Page

View it Online

Download Datasheet

For 0.0252 Found Datasheets File :: 1087    Search Time::2.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.0252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2802369594574