PART |
Description |
Maker |
V23848-M15-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector iSFP -智能小型可插1.25千兆以太.125/1.0625 Gbit / s的与LC连接器单模光纤通道收发1310纳米
|
Infineon Technologies AG
|
V23848-N305-C56 |
iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23848-M15-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
ISFPSMOC-48IRMETAL |
Transceivers by Form-factor MSA - iSFP Trx for Multirate Applications up to 2.67 Gbit/s, LC Connector, 1300 nm, 15 km
|
Infineon
|
OC-3SM1300NM15KM |
Transceivers by Form-factor MSA - iSFP™ - OC-3 Trx for Multirate Applications up to 155 Mbit/s, LC Connector, 21/ 15 km
|
Infineon
|
FC/GBEMM850NM |
Transceivers by Form-factor MSA - iSFP ™Trx 2.125/1.0625 Gbit/s Fibre Channel/ 1.25 Gigabit Ethernet Trx, LC Connector
|
Infineon
|
V23818-S5-B1 |
SFP - Small Form-factor Pluggable Cage EMI / Dust Plug SFP -小型可插拔笼的EMI /防尘插头 Transceivers by Standard - SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
|
INFINEON[Infineon Technologies AG]
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
CP392 |
Chip Form: SMALL SIGNAL TRANSISTOR
|
Central Semiconductor
|
DSSCENICC620 |
SCENIC C620 Green PC Small Form Factor PC
|
Fujitsu Component Limited.
|
DS_SCENIC_C620 |
SCENIC C620 Green PC Small Form Factor PC
|
FUJITSU[Fujitsu Media Devices Limited]
|