PART |
Description |
Maker |
TSOP5700 |
IR Receiver for High Data Rate PCM at 455 kHz
|
VISAY[Vishay Siliconix]
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
HDMP-1032 HDMP-1034 |
1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
|
Agilent(Hewlett-Packard)
|
HDMP-1034A |
HDMP-1034A 路 1.4 GBd Receiver Chip with CIMT Encoder/Decoder and Variable Data Rate
|
AGILENT
|
G9204-256D G9494-512D G9494-256D |
Near infrared image sensor (0.9 to 1.7 μm) with high-speed data rate
|
Hamamatsu Corporation
|
GS8170DD18GC-333IT GS8170DD18C-333I GS8170DD18C-25 |
333MHz 1M x 18 18MB double data rate sigmaRAM SRAM 300MHz 1M x 18 18MB double data rate sigmaRAM SRAM 250MHz 1M x 18 18MB double data rate sigmaRAM SRAM 1M X 18 STANDARD SRAM, 1.6 ns, PBGA209
|
GSI TECHNOLOGY
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
NT5DS4M32EG-5 NT5DS4M32EG-5G NT5DS4M32EG-6 |
1M × 32 Bits × 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
|
NanoAmp Solutions, Inc.
|
NT5DS4M32EG-6 NT5DS4M32EG NT5DS4M32EG-5 NT5DS4M32E |
1M 】 32 Bits 】 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
|
NANOAMP[NanoAmp Solutions, Inc.]
|