PART |
Description |
Maker |
MC74LVQ08 MC74LVQ08D MC74LVQ08DT MC74LVQ08M MC74LV |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source only 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 2-INPUT AND GATE, PDSO14 LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LTC1456 LTC1456IS8 LTC1456C LTC1456CN8 LTC1456CS8 |
Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-SOIC -55 to 125 12-Bit Rail-to-Rail Micropower DAC with Clear Input
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
M74HCT02 M74HCT02B1R M74HCT02RM13TR M74HCT02TTR M7 |
Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 125 输入或非 QUAD 2-INPUT NOR GATE QUAD 2-INPUT NOR GATE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LVX32M 74LVX32SJX 74LVX32 74LVX32MTC 74LVX32MTCX |
Low Voltage Quad 2-Input OR Gate LV/LV-A/LVX/H SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74LCX86MELG |
Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
ON Semiconductor
|
SN54_74LS00 ON2793 |
QUAD 2-INPUT NAND GATE LOW POWER SCHOTTKY From old datasheet system
|
ON Semi
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
74ACTQ32 74ACTQ32SC 74ACTQ32SJ |
Quad 2-input OR Gate ACT SERIES, QUAD 2-INPUT OR GATE, PDSO14 18-Bit LVTTL-To-GTLP Universal Bus Transceiver 56-SSOP -40 to 85 Quiet Series Quad 2-Input OR Gate From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|