PART |
Description |
Maker |
1N6515U 1N6517U 1N6513U 1N6513 |
2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 5000 V Rectifiers 2,000 V - 5,000 V Rectifiers
|
ETC[ETC]
|
SUM50F SUM20F SUM25F SUM30F SUM35F SUM40F |
0.5 AMPS 2000 - 5000 VOLTS 180 nsec HIGH VOLTAGE RECTIFIER
|
http:// SSDI[Solid States Devices, Inc]
|
SUM50UFSMS SUM20UF SUM20UFSMS SUM25UF SUM25UFSMS S |
0.4 AMPS 2000 - 5000 VOLTS 60 nsec HIGH VOLTAGE ULTRA FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SK18 SK110 SK12 SK13 SK14 SK15 SK16 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Jinan Gude Electronic Devic... 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢??????
|
GP02-20 GP02-25 GP02-30 GP02-35 GP02-40 |
High Voltage Glass Passivated Junction Rectifiers, Forward Current 0.25A, Reverse Voltage 2000 to 4000V
|
Vishay
|
NCD330K15KVNPOCTRF NCD330C15KVNPOCTRF NCD330K15KVN |
CAPACITOR, CERAMIC, 15000 V, C0G, 0.000033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0000015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 10000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 15000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
NIC Components, Corp.
|
5KP64 5KP10 5KP9.0A 5KP7.0A 5KP8.0A 5KP14A |
RES 25 OHM 5% 225W TUBULAR WW MOSFET N-CH 250V 14A D2PAK 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Unidirectional and bidirectional Transient Voltage Suppressor diodes 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SEMIKRON
|
S1Q S1ZZ |
1 Amp Silicon Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1N6519 1N6513 1N6515 1N6517 |
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
|
ETC[ETC]
|
4246 PE4246 PE4246-EK 4246-52 4246-00 4246-01 4246 |
Absorptive SPST UltraCMOS?/a> RF Switch: DC - 5000 MHz Absorptive SPST UltraCMOS RF Switch: DC - 5000 MHz Absorptive SPST UltraCMOSRF Switch: DC - 5000 MHz Absorptive SPST UltraCMOS⑩ RF Switch: DC - 5000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
|