PART |
Description |
Maker |
SX15U-24S SX15U SX15U-05S SX15U-12S SX15U-15S |
15 Watt,120 VAC Input Fully Enclosed Switchiing Power Supply 15 Watttt ,,120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
|
List of Unclassifed Manufacturers ETC[ETC] Volgen Kaga Electronics Inc.
|
SPN15-15S SPN15-48S SPN15 SPN15-05S SPN15-12S SPN1 |
15 WATT, Universal Input Fully Enclosed Switching Power Supply
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc. ETC[ETC]
|
CP2000AC54PE |
Compact Power Line Input: 100-120/200-240 Vac; Outputs: ±54 Vdc at 2000W; 5 Vdc at 4W
|
Lineage Power Corporation
|
NLP65-9908J NLP65-9912J NLP65-9915J NLP65-9920J |
85 VAC to 264 VAC universal input range
|
Emerson Network Power
|
D2W202F D2W203F D2W203F-11 |
2-3.5 Amps 120/240 Vac AC Output SIP
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
NP0850A |
Front-End Power Supply:170 Vac to 264 Vac Input; 54.2 Vdc Output; 850 W(前端电源(170V64V交流输入;54.2V直流输出850W功率 前端电源70 VAC64 VAC输入; 54.2 Vdc输出850瓦(前端电源(的170V64V交流输入; 54.2V直流输出850W的功率)
|
Lineage Power, Corp.
|
CBL-2FT-NMNM CBL-2FT-SMNM CBL-2FT-SMSM CBL-3FT-NMN |
Coaxial-Flex Test Cables 50?/a> DC to 18 GHz Coaxial-Flex Test Cables 50 DC to 18 GHz AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 10.4, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50з DC to 18 GHz 同轴电缆弯曲试验电缆50зDC8千兆 AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25??C to 70??C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50蟹 DC to 18 GHz
|
http:// Mini-Circuits
|
CX240A5 CXE480D5 CX240D5 CX380D5 CX480D5 CXE240A5 |
5Amp 120/240, 380, 480 Vac AC Output SIP 5Amp 120/240, 380, 480 Vac AC Output SIP
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
D-100A |
D-100A 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
|
Tyco Electronics
|
|