PART |
Description |
Maker |
FB2031BB CD3206BB |
9-bit latched/registered/pass-thru Futurebus transceiver FB SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQFP52
|
NXP Semiconductors N.V.
|
74LVCH16543APAG8 |
IC LOGIC 16543 CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-56 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
IDT74FCT162511CTPA IDT74FCT162511CTPAB IDT74FCT162 |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY FCT SERIES, 16-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 10V 20% TANT SMD-3528-12 TR-7-PL SN/PB5% LOWESR-3500 快速CMOS 16位注锁存奇偶收发 CAP 6.8UF 16V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-800
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
IDT74ALVC162268 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
|
IDT
|
SSTUB32866EC/G SSTUB32866EC/S |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
NXP Semiconductors
|
HD74ALVCH16269 |
12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs(三态输出的12位至24位寄存总线收发 12位至24位注册总线收发器具有三态输出(三态输出的12位至24位寄存总线收发器)
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
HD74ALVCHR162269A |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
PI74SSTUA32864 PI74SSTUA32864NB PI74SSTUA32864NBE |
25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
|
Pericom Semiconductor Corporation
|
74AVCM162834 |
18-bit registered driver with inverted register enable with 15Ω termination resistors (3-State)(15Ω终端电阻的具有反相寄存使能的18位寄存驱动器(三态)) 18-bit registered driver with inverted register enable with 15惟 termination resistors (3-State)(甯?5惟缁???甸????????稿?瀛?娇?界?18浣??瀛?┍?ㄥ?锛?????)
|
NXP Semiconductors N.V.
|