PART |
Description |
Maker |
HM1-65789F-5 HM1-65789H-5 HM1-65789K-5 HM1-65789K- |
HID head lamp valve socket; HRS No: 765-0023-9 00; Operating Temperature Range (degrees C): -55 to 140; Generic Name: HID Lamp; General Description: Accessory; Shield clamp ECU interface connectors; HRS No: 757-0016-9 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer ECU interface connectors; HRS No: 757-0011-5 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer JIS C 5432 standard connectors, Small and lightweight interface; HRS No: 114-0053-8 71; Shell Size (dia): 13; Operating Temperature Range (degrees C): -25 to 85; General Description: Accessory; Receptacle cap; Screw lock x4 SRAM x4的SRAM
|
Electronic Theatre Controls, Inc.
|
DN8897SE DN8897TE |
Hall IC(Operating Temperature Range Topr=-40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
GRM0335C1H101JA01 GRM0335C1H101GA01 |
Operating temperature range
|
Murata Manufacturing Co...
|
HMA72-12R50LF HMA72-12R56LF HM72A-064R7LFTR13 HM72 |
Operating Temperature Range
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
1255AY-2R7N |
Operating temperature range
|
Murata Manufacturing Co...
|
RN5RZ54LA-TL RN5RZ41HA-TR RN5RZ30BA RN5RZ40BA-TL R |
LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:75ucd; Viewing Angle:15 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Red; Luminous Intensity:10700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:1.85V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:9750mcd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Green; Luminous Intensity:700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.15V; Operating Temperature Range:-40 C to C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Amber; Luminous Intensity:8000ucd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 100 C; Color:Amber; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:2500ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.35V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
RICOH electronics devic... RICOH electronics devices division Ricoh Co., Ltd. http://
|
PE83501_06 83501-00 83501-11 83501-12 PE83501 PE83 |
3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
PE83502_06 83502-00 83502-21 83502-22 PE8350206 |
3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
|
Peregrine Semiconductor... PEREGRINE[Peregrine Semiconductor Corp.]
|
PE83503_06 83503-00 83503-21 83503-22 PE83503 PE83 |
3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
|
Peregrine Semiconductor... PEREGRINE[Peregrine Semiconductor Corp.]
|
HL01R05S15Y HL01R05S15Y/H HL01R12D05Y HL01R12D05Y/ |
0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1170-9 00; No. of Positions: 80; Stack Height (mm): 0.9; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1293-9 00; No. of Positions: 40; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1274-4 81; Contact Mating Area Plating: Gold 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1011-0 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Double row retainer 模拟IC Analog IC 模拟IC 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1030-5 00; No. of Positions: 6; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Single row retainer
|
SCHURTER AG Electronic Theatre Controls, Inc.
|
PE83512_06 83512-00 83512-01 83512-02 PE83512 PE83 |
DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
LTC1909-8 LTC1909-8EG |
Wide Operating Range, No R Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|