PART |
Description |
Maker |
S553-6500-E2 |
HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
2745B |
T1/E1 Transformer T1/E1变压 HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
|
Vishay Intertechnology, Inc. BEL[Bel Fuse Inc.]
|
2745AG2 |
T1/E1 Transformer HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
|
Bel Fuse Inc.
|
HPX2126L HPX2126LD HPX2126LB |
High Power PoE Signal Path Magnetics Isolation transformer module for PoE Plus, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. COILCRAFT INC
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
C1099-ALD C1099-ALB |
PoE transformer, for MAX5941A, SMT, RoHS SMPS TRANSFORMER Flyback Transformer
|
Coilcraft, Inc. Coilcraft lnc.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
GA0007-AL |
Flyback Transformer Transformer, for ON NCP1351, RoHS 48 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|