PART |
Description |
Maker |
PM9109BF |
MONOCHIP SINGLE PHASE BIDIRECTIONAL
|
Sames
|
SA9109BFA SA9109B |
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
|
SAMES[Sames]
|
AN496 |
L3035-3036-L3037 MONOCHIP SLICS
|
SGS Thomson Microelectronics
|
STV5348D |
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
|
STMicroelectronics
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
DPA55CM44 |
3 phase monitoring relay;phase sequence;phase loss;undervoltage;overvoltage
|
brain
|
EH8008ZI EH8006ZI EH8004ZI EH8012ZI EH10002ZI EH10 |
3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 100 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE TV 13C 13#22D SKT WALL RECP
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
MM002-10 MM002-10U MM002-XX MM002-06 MM002-06U MM0 |
3 PHASE DIODE BRIDGE 3 PHASE, 50 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE PT 18C 18#20 PIN RECP 3 Phase Bridge
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
B84143-A25-R105 B84143-A8-R105 B84143-A36-R105 B84 |
3 PHASE EMC FILTER 8A 480V 3 PHASE EMC FILTER36A 480V 3 PHASE EMC FILTER16A 480V 3 PHASE EMC FILTER25A 480V 380V电磁兼容FILTER25A
|
EPCOS AG
|
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
STK6772 |
Four-Phase Stepping Motor Driver (with Built-in Four-Phase Distributed Controller)
|
SANYO[Sanyo Semicon Device]
|