PART |
Description |
Maker |
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
P6BU-2415E P6BU-0505E P6BU-0512E P6BU-0515E P6BU-0 |
Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔W的未稳压单输出DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔1W的未稳压单输出DIP8
|
http:// PEAK[PEAK electronics GmbH]
|
P6KU-2415E P6KU-0505E P6KU-0512E P6KU-0515E P6KU-1 |
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
|
PEAK[PEAK electronics GmbH]
|
P6BU-XXXXZ |
1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8
|
PEAK electronics
|
P7BU-0515E P7BU-0505E P7BU-0512E P7BU-2424E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
|
PEAK[PEAK electronics GmbH]
|
TZA6-20 TZA8-20 |
PASSIVE DELAY LINE, TRUE OUTPUT, DIP8
|
RHOMBUS INDUSTRIES INC
|
A2403XMD A0503XMD A2405XMD |
1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?DC Converter
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
SAB8052B-P SAB8052B-16 SAB8052B-16-N SAB8052B-16-P |
8-Bit Sigle-Chip Microcontroller
|
SIEMENS AG
|
RP30-242.5SE RP30-241.8SE RP30-122.5SE RP30-121.8S |
Intelligent Power Modules (IPM) CIPOS™; Package: PG-MSIP-20; 20 Watt Single & Dual Output 20瓦单 20 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC40-2405SRWBH REC40-1205SRWB REC40-1205SRWBH REC |
40 Watt 2??x 2??Single, Dual & Triple Output 40 Watt 2x 2Single, Dual & Triple Output 402“2”单,双 40 Watt 2x 2Single, Dual & Triple Output 40“2”单,双 40 Watt 2x 2Single, Dual & Triple Output 40 Watt 2” x 2” Single, Dual & Triple Output 40 Watt 2?x 2?Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|