Part Number Hot Search : 
LA4605 3HDMI Z8F640X GP2L04 ALD11080 ANS1N4 UCY7401 29AL004D
Product Description
Full Text Search
  dip8 Datasheet PDF File

For dip8 Found Datasheets File :: 1193    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
New Japan Radio
Part No. NJM2393D
OCR Text ... package outline njm2393d : dip8 njm2393m : dmp8 pin configuration block diagram the njm2393 is a step down pwm dc/dc converter ic. an internal 1.5a power transist or, a pulse-by-pulse current limit circuit...
Description 1.5 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, Pdip8
Step-Down PWM DC/DC Converter IC

File Size 128.96K  /  7 Page

View it Online

Download Datasheet





    LM393AD

STMICROELECTRONICS
Part No. LM393AD
OCR Text ...power supply voltage. dip8 (plastic package) so-8 (plastic micropackage) pin connections (top view) tssop8 (thin shrink small outline package) miniso-8 (plastic micropackage) 1 2 3 45 6 7 8 - + - + 1 - output 1 2 - inverting inpu...
Description DUAL COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8

File Size 241.25K  /  16 Page

View it Online

Download Datasheet

    LPC812M101FD20 LPC812M101JDH16 LPC812M101FDH20 LPC812M101JDH20 LPC811M001JDH16 LPC811M001FDH16 LPC812M101FDH16

NXP Semiconductors
Part No. LPC812M101FD20 LPC812M101JDH16 LPC812M101FDH20 LPC812M101JDH20 LPC811M001JDH16 LPC811M001FDH16 LPC812M101FDH16
OCR Text ... ? 40 c to 105 c except for the dip8 package, which is available for a temperature range of ? 40 c to 85 c. ? available as dip8, tssop16, so 20, tssop20, a nd xson16 package. 3. applications ? 8/16-bit applications ? lighting ? consumer...
Description 32-bit ARM Cortex-M0 microcontroller; 16 kB flash and 4 kB SRAM
32-bit ARM Cortex-M0 microcontroller; 8 kB flash and 2 kB SRAM

File Size 764.28K  /  76 Page

View it Online

Download Datasheet

    NXP
Part No. UBA2213
OCR Text ...escription version uba2213ap/n1 dip8 plastic dual in-line package; 8 leads (300 mil) sot97-1 uba2213bp/n1 uba2213cp/n1 uba2213at/n1 so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 uba2213bt/n1 uba2213ct/n1 uba22...
Description Half-bridge power IC

File Size 197.53K  /  21 Page

View it Online

Download Datasheet

    STMICROELECTRONICS[STMicroelectronics]
Part No. MC33078_06 MC33078 MC33078D MC33078N MC33078YD
OCR Text ...D SO-8 (Plastic Micropackage) N dip8 (Plastic Package) Description The MC33078 is a monolithic dual operational amplifier particularly well suited for audio applications. It offers low voltage noise (4.5nV/Hz) and high frequency perform...
Description Low Noise Dual Operational Amplifier

File Size 162.83K  /  14 Page

View it Online

Download Datasheet

    TDA1308T TDA1308

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. TDA1308T TDA1308
OCR Text ...PE NUMBER NAME TDA1308 TDA1308T dip8 SO8 DESCRIPTION plastic dual in-line package; 8 leads (300 mil) plastic small outline package; 8 leads; body width 3.9 mm signal-to-noise ratio channel separation RL = 5 k power supply ripple rejection f...
Description Class AB stereo headphone driver

File Size 107.13K  /  12 Page

View it Online

Download Datasheet

    UBA2080AT UBA2080P UBA2080T

NXP Semiconductors
Part No. UBA2080AT UBA2080P UBA2080T
OCR Text ...me description version uba2080p dip8 plastic dual in-line package; 8 leads sot97-1 uba2081p uba2080t so8 plastic small outline package; 8 leads sot96-1 uba2081t uba2080at so14 plastic small outline package; 14 leads sot108-1 uba2080_uba20...
Description Half-bridge level-shift controller IC

File Size 547.09K  /  15 Page

View it Online

Download Datasheet

    LM211-LM311 LM111D LM211D LM311 LM211 4848 LM311D LM211N -LM311ST

意法半导
STMicroelectronics
ST Microelectronics
Part No. LM211-LM311 LM111D LM211D LM311 LM211 4848 LM311D LM211N -LM311ST
OCR Text ...GE : 30V ON : 135mW AT 15V N dip8 (Plastic Package) D SO8 (Plastic Micropackage) DESCRIPTION The LM111, LM211 and LM311 are voltage comparators that have low input currents. They are also designed to operateover a wide range of sup...
Description Voltage Comparators(?靛?姣????
From old datasheet system

File Size 107.15K  /  9 Page

View it Online

Download Datasheet

    STMICROELECTRONICS[STMicroelectronics]
Part No. TL061MN TL061ACD TL061ACN TL061AIN TL061AMD TL061AMN TL061BCD TL061BCN TL061BID TL061BIN TL061BMD TL061BMN TL061CD TL061CN TL061IN TL061MD
OCR Text ...D SO-8 (Plastic micropackage) N dip8 (Plastic package) Description The TL061, TL061A and TL061B are high-speed JFET input single operational amplifiers. Each of these JFET input operational amplifiers incorporates well matched, high-vol...
Description LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER

File Size 273.74K  /  14 Page

View it Online

Download Datasheet

    LPC811M001JDH16 LPC812M101JD20 LPC812M101JDH20 LPC81XM-13

NXP Semiconductors
Part No. LPC811M001JDH16 LPC812M101JD20 LPC812M101JDH20 LPC81XM-13
OCR Text ... -40 c to 105 c except for the dip8 package, which is available for a temperature range of -40 c to 85 c. ? available as dip8, tssop16, so20, and tssop20 package. 3. applications ? 8/16-bit applications ? lighting ? consumer ? motor con...
Description 32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM

File Size 578.89K  /  71 Page

View it Online

Download Datasheet

For dip8 Found Datasheets File :: 1193    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dip8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69585800170898