PART |
Description |
Maker |
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
SD403C12S15C SD403C SD403C16S15C SD403C04S10C SD40 |
1600V Fast Recovery Diode in a DO-200AA (A-Puk) package 1400V Fast Recovery Diode in a DO-200AA (A-Puk) package 1200V Fast Recovery Diode in a DO-200AA (A-Puk) package 1000V Fast Recovery Diode in a DO-200AA (A-Puk) package 800V Fast Recovery Diode in a DO-200AA (A-Puk) package FAST RECOVERY DIODES Hockey Puk Version
|
IRF[International Rectifier]
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
20ETF02S 20ETF02STRL 20ETF02STRR 20ETF04S 20ETF06S |
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE FAST SOFT RECOVERY 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE 软恢复表面贴装快速整流二极管
|
International Rectifier, Corp.
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
DHG40C1200HB |
Sonic Fast Recovery Diode High Perfromance East Recovery Diode Low Lss and Soft Recovery Common Cathode
|
IXYS Corporation
|
60EPF10 60EPF12 60CPF10 60CPF12 60EPF10PBF |
DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247AC, MODIFIED TO-247AC, 3 PIN, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 1200V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC (2-Pin) package 1200V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
Vishay Semiconductors IRF[International Rectifier]
|
80EPF12 80EPF10 |
1200V Fast Recovery Diode in a TO-247AC package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD553C..S50LSERIES 2642 SD553C40S50L SD553C30S50L |
3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 4000V Fast Recovery Diode in a DO-200AB (B-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|