PART |
Description |
Maker |
SC385B |
Adjustable Micropower Voltage Reference Diode
|
Semtech
|
ADP1111ANZ-5 ADP1111ARZ-5-REEL ADP1111ARZ-12-REEL |
Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
LT1107 LT1107-12 LT1107-5 LT1107C LT1107CN8 LT1107 |
From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
AMS1004-1.2AL AMS1004-1.2AN AMS1004-1.2BL AMS1004A |
MICROPOWER VOLTAGE REFERENCE JT 5C 5#16 SKT WALL RECP JT 37C 37#22D PIN RECP MICROPOWER VOLTAGE REFERENCE 微功耗电压参 1.2V Two-terminal micropower band-gap voltage reference diode
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc.
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
77034052 7703405N 7703405T 7703405U 7703405Y OM132 |
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages MB 8C 8#20 PIN PLUG MB 3C 3#16 PIN PLUG MB 8C 8#20 SKT PLUG RoHS Compliant: No 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AD1582 AD1582A AD1582B AD1585 AD1585A AD1585ART AD |
Voltage Reference 电压基准 2.5V Micropower, Precisions Series Mode Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 2.5 V to 5.0 V Micropower/ Precision Series Mode Voltage References 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 2.5 V Micropower, Precision Mode Voltage Reference
|
Analog Devices, Inc.
|
LT1073 LT1073CN8-12 LT1073CN8PBF LT1073CS8-5PBF LT |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDIP8 Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|