PART |
Description |
Maker |
CAT28F020 CAT28F020-12 CAT28F020-70 CAT28F020-90 C |
150 x 32 pixel format, LED Backlight available 128 x 64 pixel format, White LED backlight 128 x 64 pixel format, White and Yellow-Green backlight 2 Megabit CMOS Flash Memory 2兆位闪存的CMOS High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 2兆位闪存的CMOS
|
http:// CATALYST[Catalyst Semiconductor] HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
SML50T47 |
128 x 128 pixel format, LED or EL Backlight available N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
SEMELAB LTD Seme LAB
|
ST90T31 ST90E30L1 ST90E31D1 ST90T30C1 ST90T31B6 ST |
128 x 128 pixel format, LED or EL Backlight available 9K EPROM HCMOS MCUs WOTH A/D COMVERTER 9K章存储器HCMOS MCU的WOTH A / D转换COMVERTER
|
意法半导 STMicroelectronics N.V.
|
SK33-T1 SK33-T3 S310-T3 S310-T1 SK32 SK32-T1 SK32- |
128 x 128 pixel format, LED or EL Backlight available 3.0A的表面贴装肖特基整流 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 3.0A的表面贴装肖特基整流
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
HYB39S16320TQ-10 HYB39S16320TQ-7 |
128 x 64 pixel format, LED Backlight available
|
SIEMENS AG
|
2SC4570 2SC4570-T1 2SC4570-T2 2SC4570T74-T2 2SC457 |
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD NPN硅外延晶体管超小型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 128 x 128 pixel format, LED or EL Backlight available
|
NEC, Corp. NEC Corp. NEC[NEC]
|
1N5820THRU1N5822 1N5820 1N5822 1N5821 |
SCHOTTKY BARRIER RECTIFIER 128 x 64 pixel format, LED or EL Backlight available 肖特基整
|
Shanghai Sunrise Electronics CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd. 涓?捣???绉????????
|
AT25020A-10TQ-2.7 AT25010A-10PE-2.7 AT25010A-10PQ- |
128 x 64 pixel format, LED Backlight available SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
|
Atmel Corp. ATMEL Corporation
|
QM30TX-HB |
240 x 128 pixel format, LED or EL Backlight MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
CAT24C00JITE13 CAT24C00LETE13 CAT24C00LITE13 CAT24 |
320 x 240 pixel format, Chip-On-Glass Technology CONNECTOR ACCESSORY From old datasheet system 128-bit Serial EEPROM 128-bit, 100 kHz @ 1.8 V & 400 kHz @ 5.0 V, 5-pin SOT23 Package
|
Catalyst Semiconductor
|
3DFO 2DFO 1DFO 3DF0D27 2DF0D27 1DF0D27 3DF0T82 2DF |
128 x 128 pixel format, LED or EL Backlight available 低电容损耗角正切光盘 Low Dissipation Factor Disc Capacitors 低电容损耗角正切光盘 CAP 47UF 4V 16V TANT SMD-6032-15 TR-7 Pushbutton Switch; Leaded Process Compatible:Yes RoHS Compliant: Yes Telephone equipment, Telephones; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|