PART |
Description |
Maker |
MHP27005D/ES MHP27005S/ES MHP27012D/ES MHP27012S/E |
DC/DC CONVERTERS 270 VOLT INPUT 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
MOR2815DY/883 MOR283R3SY/883 MOR2812SY/883 MOR2815 |
DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 105 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
H8/38774 H8/38775 H8/38776 H8/38773 H8/38776F |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Renesas Electronics Corporation
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FM704A FM-704A_883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
FM-704A/883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
Interpoint Corporation Company
|
STF28-461 |
EMI INPUT FILTER 28 VOLT INPUT 电磁干扰输入滤波8伏的输入
|
Standard Power
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
SFME28-461 |
EMI INPUT FILTER 28 VOLT INPUT
|
Crane Aerospace & Electronics.
|