PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMH15115 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PIMN31 |
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
http://
|
PDTC123TT215 |
NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PUMH4 PEMH4 |
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = open
|
NXP Semiconductors
|
PUMH2 PUMH2115 PEMH2 |
NPN/NPN resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? NPN/NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
PUMH1 PEMH1 |
NPN/NPN resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼? NPN/NPN resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 NPN/NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ
|
NXP Semiconductors
|
PEMH9 PEMH9_2 |
NPN resistor-equipped transistors; R1 = 10 kohm/ R2 = 47 kohm From old datasheet system NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
|
Philips Semiconductors NXP Semiconductors
|
PIMH9 PIMH9_1 |
NPN resistor-equipped double transistor; R1 = 10 kohm R2 = 47 kohm NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm From old datasheet system
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
|