PART |
Description |
Maker |
HDSP-8601 HDSP-8606 HDSP-8603 HDSP-8605 HDSP-N156 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel 20毫米.8英寸),七段显示 20 mm (0.8 inch) Seven Segment Displays 20毫米.8英寸),七段显示 Octal General-Purpose Interface Bus Transceiver 20-SOIC 0 to 70 20毫米.8英寸),七段显示 Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs 20毫米.8英寸),七段显示 HDSP-3906-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3900-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4206 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3906 · 20 mm (0.8 inch) Overflow Character Displays HDSP-4201 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4203 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4205 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3905 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8605 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N151 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N153 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N155 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N156 · 20 mm (0.8 inch) Overflow Character Displays
|
NXP Semiconductors N.V. 3M Company Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PSC39-21EWA |
9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
HDSP-523Y HDSP-52 HDSP-521E HDSP-521G HDSP-521Y HD |
HDSP-523Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HDSP-A511-JK000 HDSP-H511-GH000 HDSP-F511-IJ000 HD |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 40PC Series, Gage; Amplified; Range: 0 psi to 30.0 psi 十四点二毫米0.56英寸),七段显示 10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 14.2 mm (0.56 inch) Seven Segment Displays 十四点二毫米0.56英寸),七段显示 ASDX Series, amplified, gage, 0 psi to 15 psi operating pressure, "G2" DIP package, straight port 十四点二毫米.56英寸),七段显示
|
Ecliptek, Corp. Toshiba, Corp. Cree, Inc.
|
HDSP-515H-GH000 HDSP-315Y HDSP-515L-FG000 HDSP-316 |
Low Current Seven Segment Displays 10 mm (0.4 inch) Seven Segment Displays 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10 mm
|
AGILENT TECHNOLOGIES INC
|
AN38 MAN3410A MAN3420A MAN3440A MAN74A MAN3400A MA |
0.300-INCH SEVEN SEGMENT DISPLAYS 0.300-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, RED, 7.62 mm 0.300-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, ORANGE, 7.62 mm
|
http:// QT[QT Optoelectronics]
|
HDSP-5537 HDSP-5538 |
HDSP-5537 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5538 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
LTS-3406LP LTS3406LP |
The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
HDSP2491 HDSP2490 HDSP2492 HDSP2493 HDSP-2490 HDSP |
FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
|
Agilent(Hewlett-Packard)
|