PART |
Description |
Maker |
H11L3-M H11L2MT H11L1MT-M H11L3MT-M H11L2MT-M H11L |
6-Pin DIP Schmitt Trigger Output Optocoupler 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 64 Megabit, 3.0 Volt-Only Page Mode Flash Memory
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
FOD81406 FOD817 FOD617 FOD814 FOD814300 FOD814300W |
4-Pin DIP Phototransistor Output Optocoupler; ; No of Pins: 4; Container: Tape & Reel 4-Pin DIP Phototransistor Output Optocoupler; ; No of Pins: 4; Container: Box 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-4 4-Pin High Operating Temperature Phototransistor Optocouplers
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TIL117M09 TIL117M MOC8100VM TIL111SR2VM TIL111SM T |
6-Pin DIP Low Input Current Phototransistor Output Optocoupler; Package: DIP-W; No of Pins: 6; Container: Bulk 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER General Purpose 6-Pin Phototransistor Optocouplers
|
Fairchild Semiconductor, Corp.
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
EPA3856G-30 EPA3856G-35 EPA3856G-20 EPA3856G-200 E |
8 Pin DIP and SMD Single Output Low Power / Low Noise 3.3V Application TTL Compatible Active Delay Lines ACTIVE DELAY LINE, DIP4
|
PCA ELECTRONICS INC.
|
HCPL2503 HCPL-2531 HCPL-2530 HCPL-4502 6N135 6N136 |
8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 8-Pin DIP 1Mbit/s Dual-Channel High Speed Transistor Output Optocoupler (HCPL-xxxx) HIGH SPEED TRANSISTOR OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
PS7160L-2A-E4-A PS7160L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
|
Renesas Electronics Corporation
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
CPPFXC1-A7BR-FREQ2PD CPPFXC1-A7BR-FREQ1PD CPPFXC1- |
CRYSTAL OSCILLATOR, CLOCK, 66.01 MHz - 133 MHz, CMOS OUTPUT 14 PIN DIP CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 66 MHz, CMOS OUTPUT 14 PIN DIP CRYSTAL OSCILLATOR, CLOCK, 40.01 MHz - 100 MHz, CMOS OUTPUT 14 PIN DIP CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 40 MHz, CMOS OUTPUT 14 PIN DIP
|
Cardinal Components, Inc. CARDINAL COMPONENTS INC
|