PART |
Description |
Maker |
PL78M05XT3 PL78M05AT3 PL78M05BT3 PL78M05CT3 |
Three Terminal Medium Current Positive Voltage Regulators
|
CYSTEKEC[Cystech Electonics Corp.]
|
M4A5 M1P5 M1P1 M2G9 M5D1 M5M1 M1F9 M1B5 M5B5 M7P9 |
MEDIUM CURRENT SILICON RECTIFIERS (M2Kx) MEDIUM CURRENT SILICON RECTIFIERS Header, Breakaway Vertical; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:42375; Body Material:PA Polyamide KK 100 Hdr Assy Bkwy 30 Ckt Tin MEDIUM CURRENT SILICON RECTIFIERS 中型电流硅整
|
List of Unclassifed Manufac... EDAL List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
2SA1969 |
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
TS78M05ACP TS78M05ACZ TS78M00A TS78M06ACP TS78M06A |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3-Terminal Medium Current Positive Voltage Regulator
|
Taiwan Semiconductor Co... Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Compan...
|
1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP |
Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay
|
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|
BD535K BD536J BD534K BD538K BD538J BD534 BD537 |
50.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 8.000A Ic, 15 hFE. 50.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 8.000A Ic, 20 hFE. ; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:20mA ; Package/Case:3-TO-218X; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A ; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
Continental Device India Limited
|
SXA-289 |
5-2000 MHz Medium Power GaAsHBT Amplifier TERMINAL
|
http:// Stanford Microdevices 其它接口
|
0270320000 0623320000 |
Feed-through terminal, 10 mm2, Screw connection, KrG, Medium yellow, TS 32
|
Weidmuller
|
2SA1969 |
PNP Epitaxial Planar Silicon Transistor High-Frequency Medium-Output Amplifier,Medium-Current Ultrahigh-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
CTP4410-21 CTP4410-03 CTP4410-01 CTP4410-02 CTP441 |
Toroidal Inductors Medium Current
|
FILTRAN[Filtran LTD]
|
BY255 |
MEDIUM CURRENT PLASTIC RECTIFIER
|
CHENG-YI ELECTRONIC CO., LTD.
|