PART |
Description |
Maker |
MHE1212SF/ES MHE1215SF/ES MHE1205SF/ES MHE2815SF/E |
DC/DC CONVERTERS 12 AND 28 VOLT INPUT 1-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 12 AND 28 VOLT INPUT 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 12 AND 28 VOLT INPUT 2-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
MGH2812SZ/ES MGH2805SZ/ES MGH2805DZ/ES MGH2815SZ/E |
DC/DC CONVERTERS 28 VOLT INPUT 2-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
FME28-461/883 FME270-461Z/883 FME28-461V/883 FME28 |
EMI INPUT FILTERS 28 & 270 VOLT INPUT EMI INPUT FILTERS 28 & 270 VOLT INPUT 1 FUNCTIONS, 50 V, 15 A, DATA LINE FILTER EMI INPUT FILTERS 28 & 270 VOLT INPUT 1 FUNCTIONS, 400 V, 1.5 A, DATA LINE FILTER
|
Standard Power Crane Electronics, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FM-704A/883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
Interpoint Corporation Company
|
FMGA-461 FMGA-461_883 |
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
|
Crane Aerospace & Electronics.
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
AM29LV116BB-80RFIB AM29LV116BB-90FIB AM29LV116BT-9 |
LM3704/LM3705 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset; Package: MINI SOIC; No of Pins: 10; Qty per Container: 1000; Container: Reel CONNECTOR ACCESSORY 16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO40 16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 120 ns, PDSO40 16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16兆位2米8位)的CMOS 3.0伏,只引导扇区闪 16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16兆位米8位)的CMOS 3.0伏,只引导扇区闪 LM3704/LM3705 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset; Package: MINI SOIC; No of Pins: 10; Qty per Container: 3500; Container: Reel 16兆位米8位)的CMOS 3.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc.
|
FMH-461F/883 FMH-461/883 |
EMI INPUT FILTER 28 VOLT INPUT
|
Interpoint Corporation Company
|
FMH-461 FMH-461_883 FMH-461F FMH-461F_883 |
EMI INPUT FILTER 28 VOLT INPUT
|
Crane Aerospace & Electronics.
|