PART |
Description |
Maker |
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
SC41343P SC41344DW SC41344P SC41343DW MC145026 MC1 |
Encoder and Decoder Pairs
|
Freescale Semiconductor, Inc
|
2N5564 2N5566 2N5565 |
MATCHED N-CHANNEL JFET PAIRS
|
New Jersey Semi-Conductor Products, Inc.
|
KE2-22 |
Original cup disks are provided in pairs
|
KODENSHI KOREA CORP.
|
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|
MV-SD62-18ME5 MV-SD63-18ME5 MV-SD62-10ME5 MV-SD63- |
Resolver cables, single pairs shielding, PUR
|
SHIELD s.r.l.
|
U431 U430 |
Matched N-Channel JFET Pairs(最小栅源击穿电25V,栅极工作电15pA的N沟道结型场效应管)
|
Vishay Intertechnology,Inc.
|
ICS9250-33 |
P4 Single Chip Clock, with 4 Differential Pairs with Over Clocking (A)
|
ICS
|
U441 |
Matched N-Channel JFET Pairs(最小栅源击穿电25V,栅极工作电1pA的N沟道结型场效应管)
|
Vishay Intertechnology,Inc.
|
93180605000 |
18 AWG pairs stranded (19x30) tinned copper conductors,
|
List of Unclassifed Man...
|