PART |
Description |
Maker |
OM3909SC OM3901SC OM3902SC OM3903SC OM3904SC OM390 |
Hi-Rel Fixed Voltage Dual Regulator DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压双调 Dual Output Voltages, 1.5 Amp Fixed Voltage Regulators(双输出电( 15V,-12V) 1.5A固定稳压 双输出电压,1.5安培固定稳压器(双输出电压(15V的,- 12V的)1.5A的固定稳压器
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers International Rectifier, Corp.
|
5962-9859001MTA 5962-9859001MNA 5962-9859001MUA |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator
|
International Rectifier
|
5962-9088501MUA 5962-9088401MUA |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator
|
International Rectifier
|
OM7815AIH OM7812AIH OM7812H OM7805AIH OM7800IH OM7 |
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
Electronic Theatre Controls, Inc. IRF[International Rectifier] ETC[ETC]
|
OM1905N2M OM1912N2M |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWING
|
International Rectifier
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
5962-8949003X 5962-8949008X |
Hi-Rel Fixed Voltage Dual Regulator
|
International Rectifier
|
OM7630NMP OM7631NMP |
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
International Rectifier
|
OM7905H-AH OM7912H-AH OM7915H-AH OM7915HVST OM7915 |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator
|
International Rectifier
|
AM29BL802CB-120RZI AM29BL802CB-70RZI AM29BL802CB-9 |
HiRel Adjustable Ultra Low Dropout Linear Radiation Hardened Regulator in a 8-Lead Flat Pack Package; A IRUH33PA13A1M with Standard Packaging x16 Flash EEPROM Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator; Qualified Part Number similar to OM2990-12STM x16闪存EEPROM
|
Spansion, Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|