PART |
Description |
Maker |
ADM6821 ADM6821RART-RL ADM6821RART-RL7 ADM6822LART |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-High, Push-Pull Reset Output Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Open-Drain Reset Output
|
AD[Analog Devices]
|
ADM8323 ADM8324 |
Supervisory Circuit with Windowed Watchdog, Manual Reset, and Active-Low Push-Pull Reset Output Supervisory Circuit with Windowed Watchdog, Manual Reset, and Active-Low Open-Drain Reset Output
|
Analog Devices
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
APX825A-23W6G-7 APX825A-44W6G-7 APX823-40W5G-7 APX |
Manual Reset Input, Active High or Low Output Reset Generator with Watchdog Timer Manual Reset Input, Active Low Output Reset Generator with Watchdog Timer
|
Diodes
|
ASM1815R-5 ASM1815R-20 ASM1815-10 ASM1815-5 ASM181 |
150 ms, Low power, 3.3V/3.0 V mP reset, active low, push-pull output
|
Alliance Semiconductor
|
MAX1589AETT250T |
Low-Input-Voltage, 500mA LDO Regulator with Active-Low RESET in SOT and TDFN
|
MAXIM - Dallas Semiconductor
|
ASM1233A ASM1233AZ-15 |
3.3 V, low power, mP reset, active LOW, open-drain output Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
|
Alliance Semiconductor Corporation
|
IMP1817 |
Low Power, 3.3V/3.0V 渭P Reset -Active HIGH, Push-Pull Output(浣????3.3V/3.0V渭P澶??,楂?????ㄦ?杈??,?垫??靛??????
|
IMP INC.
|
ADM1815-10AKS-REEL ADM1815-10AKS-RL7 ADM1815-10ART |
Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Active High and Low Push-Pull Output, Positive Reset Output Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output Microprocessor Supervisory in SOT-23 with Open Drain Output Choices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ANALOG DEVICES INC
|
LTC1562-2 LTC1562C-2 LTC1562CG-2 LTC1562I-2 LTC156 |
From old datasheet system Very Low Noise/ Low Distortion Active RC Quad Universal Filter Advanced LinEPIC Self-Calibrating Precision Dual Operational Amplifier 20-LCCC -55 to 125 Very Low Noise, Low Distortion Active RC Quad Universal Filter
|
Linear Technology Corporation
|
DS8T28J DS8T26AJ/A DS8T28J/A DS8T26AMJ DS8T28MJ DS |
MicroPower Microprocessor Reset Circuit with Delay; Minimum Active Reset: 150 ms; Package: SOT23-3 4位总线收发
|
复位半导
|