PART |
Description |
Maker |
SBH92314Z-FSAN SBH92314G-FSAN SBH92314N-FSAN SBH92 |
WIRE CLIP FOR SCA-2700WC MULTI DVI DAISY CHAINABLE RECEIVER -FIBER High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving
|
INFINEON[Infineon Technologies AG]
|
SBL52214Z SBL52214G SBL52214N |
Low Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving 低功率比迪光学标准模1310纳米发光,纳米接1310
|
INFINEON[Infineon Technologies AG]
|
SBH52444G-FSAN SBH52444X SBH52444Z-FSAN SBH52444N- |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving Components and FTTx solutions - Tx 1310nm/Rx 1550nm, 155 MBit/s TIA High Power BIDI Optical Standard Module 1310 nm Emitting 1550 nm Receiving From old datasheet system High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving Snap-in Panel Mount Switch, Double Pole Double Throw (DPDT) Circuitry, 10 A at 277 Vac, Bullet Nose Plunger Actuator, Silver Contacts, Quick Connect Termination
|
http:// INFINEON[Infineon Technologies AG]
|
S1724BBBA S1724BDBA S1724CBBA S1724CDBA S1724DDBA |
Optical amplifier platform, erbium-doped fiber amplifier. P0=16.0 dBm. Connector FC/PC. Without heat sink. Optical Amplifier Platform1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform/1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(S and V Series) 光放大器平台,1724 -型Eribium铒光纤放大器(S和V系列 BOARD INTERFACE KGZ/GMS 0-25% Optical amplifier platform, erbium-doped fiber amplifier. P0=13.0 dBm. Connector FC/PC. Without heat sink.
|
AGERE[Agere Systems] ERICSSON Austin Semiconductor, Inc
|
TOCP151Q-B |
OPTICAL FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
SBM82314X SBM82314 SBM82314Z SBM81314G SBM81314N S |
Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving From old datasheet system Transceiver Medium Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving Components and FTTx solutions - Tx 1550nm/Rx 1310nm, Medium Power
|
INFINEON[Infineon Technologies AG]
|
NDL7910P NDL7701P NDL7705P NDL7620P NDL7603PD NDL7 |
1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS 1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
|
NEC[NEC]
|
NDL5521PD NDL5521P NDL5521P1 NDL5521P1C NDL5521P1D |
2.5 Gb/s optical fiber communications 50 um InGaAs avalanche photo diode modul with MMF . With FC-PC connector, vertical flange. 2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
|
NEC CEL[California Eastern Labs]
|
SPS-9110V-1TG |
1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
|
Optoway Technology Inc
|
SPS-7110V-2TG |
1310 nm / 1.5 Gb/s Medium Power Dual Optical SM Transmitter
|
Optoway Technology Inc
|
SPS-9350V-1TG SPS-9350V-2TG SPS-9350V-1T1RG |
1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
|
Optoway Technology Inc
|