PART |
Description |
Maker |
DDC113TU-7-F DDC114TU-7-F DDC143TU-7-F DDC123JU-7- |
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
DDTC114YCA-7-F DDTC143ZCA-7-F DDTC113ZCA2 DDTC144W |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
MMST4401 MMST4401-7-F MMST44012 |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANSISTOR NPN 40V SOT323 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
61090-300 61090 61090-001 61090-002 61090-101 6109 |
SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 11C 11#12 SKT PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
MMBT4401T2 MMBT4401T-7-F |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
2DC2412R |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
MMSTA42-7-F |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
MMBT3904 |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
TRSYS
|
MMBT3904T-7-F |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated Diodes Inc.
|
|